Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5586 Datasheet (PDF) - Hamamatsu Corporation

L5586 Datasheet PDF - Hamamatsu Corporation
Part # L5586
Download  L5586 Download
File Size   273.71 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Subminiature LED

L5586 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5586 Datasheet PDF - Hamamatsu Corporation

Part # L5586
Download  L5586 Click to download

File Size   273.71 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Subminiature LED

L5586 Datasheet (HTML) - Hamamatsu Corporation


L5586 Product details

L5276, L5586 and L6286 are infrared LED molded into a subminiature, clear plastic package.

Features
● Peak emission wavelength
    L5276 : 880 nm
    L5586, L6286: 940 nm
● L6286: High output power
● Subminiature plastic package with lens

Applications
● Optical switches
● Cameras
● Encoders




Similar Part No. - L5586

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L5586 HAMAMATSU-L5586 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
More results


Similar Description - L5586

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-6000-E00XX HP-HLMP-6000-E00XX Datasheet
152Kb / 16P
Subminiature LED Lamps
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
Everlight Electronics C...
95-21SYGC-S530-XX-XXX EVERLIGHT-95-21SYGC-S530-XX-XXX Datasheet
251Kb / 11P
1.9mm Round Subminiature Lead LED
42-21A-GHC-YX1Y2N-1T EVERLIGHT-42-21A-GHC-YX1Y2N-1T_11 Datasheet
145Kb / 10P
1.8mm round Subminiature Chip LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
Subminiature LED Lamps
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
Subminiature LED Lamps
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
Subminiature LED Lamps
July 13, 2020
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com