Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7558 Datasheet (PDF) - Hamamatsu Corporation

L7558 Datasheet PDF - Hamamatsu Corporation
Part # L7558
Download  L7558 Download
File Size   122.61 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description High-speed, high-power infrared LED for spatial light transmission

L7558 Datasheet (PDF)

Go To PDF Page Download Datasheet
L7558 Datasheet PDF - Hamamatsu Corporation

Part # L7558
Download  L7558 Click to download

File Size   122.61 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description High-speed, high-power infrared LED for spatial light transmission

L7558 Datasheet (HTML) - Hamamatsu Corporation


L7558 Product details

Infrared LED

High-speed, high-power infrared LED for spatial light transmission

L7558 series infrared LEDs were developed for spatial light transmission of high-density information such as image data signals, and operate at high speeds of 50 MHz.
L7558 delivers high output of 14 mW and is used in combination with a light projection lens that matches the application. L7558-01 is sealed in a metal package capped with a glass lens that ensures narrow directivity of ±7˚(full angle at half maximum). Metal stem package gives L7558 and L7558-01 higher reliability than plastic package devices.

Features
● High-speed response: 50 MHz Typ. (IF=50 mA)
● High radiant output power
   L7558 : 14 mW Typ. (IF=50 mA)
   L7558-01: 7 mW Typ. (IF=50 mA)
● High reliability

Applications
● Spatial light transmission




Similar Part No. - L7558

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7558 HAMAMATSU-L7558_15 Datasheet
204Kb / 4P
Infrared LED
More results


Similar Description - L7558

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7022 HAMAMATSU-L7022 Datasheet
132Kb / 2P
High power LED array for spatial light transmission
logo
Toshiba Semiconductor
TLN225 TOSHIBA-TLN225 Datasheet
251Kb / 4P
INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN231 TOSHIBA-TLN231 Datasheet
132Kb / 5P
Infrared LED for Space-Optical-Transmission
TLN226 TOSHIBA-TLN226 Datasheet
259Kb / 5P
INFRARED LED FOR SPACE-OPTICAL-TRANSMISSION
TLN225 TOSHIBA-TLN225_07 Datasheet
204Kb / 5P
INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN226 TOSHIBA-TLN226_07 Datasheet
208Kb / 5P
INFRARED LED FOR SPACE-OPTICAL-TRANSMISSION
TLN231 TOSHIBA-TLN231_07 Datasheet
162Kb / 5P
Infrared LED for Space-Optical-Transmission
TLN233 TOSHIBA-TLN233 Datasheet
164Kb / 5P
Infrared LED for Space-Optical-Transmission
TLN238 TOSHIBA-TLN238 Datasheet
181Kb / 5P
Infrared LED for Space-Optical-Transmission
logo
Sony Corporation
CXD4016R SONY-CXD4016R Datasheet
1Mb / 31P
Transmission Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com