Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N321083 Datasheet (PDF) - E-SWITCH

N321083 Datasheet PDF - E-SWITCH
Part # N321083
Download  N321083 Download
File Size   103.12 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description INITAL: 50mTYP. @ 2-4VDC @ 100mA

N321083 Datasheet (PDF)

Go To PDF Page Download Datasheet
N321083 Datasheet PDF - E-SWITCH

Part # N321083
Download  N321083 Click to download

File Size   103.12 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description INITAL: 50mTYP. @ 2-4VDC @ 100mA

N321083 Datasheet (HTML) - E-SWITCH




Similar Part No. - N321083

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N321080 E-SWITCH-N321080 Datasheet
55Kb / 1P
Package : In Dispensing Tubes
N321081 E-SWITCH-N321081 Datasheet
36Kb / 1P
Package : In Dispensing Tubes
N321082 E-SWITCH-N321082 Datasheet
59Kb / 1P
Package : In Dispensing Tubes
More results


Similar Description - N321083

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP26N60LPBF IRF-IRFP26N60LPBF Datasheet
206Kb / 9P
HEXFET Power MOSFET ( VDSS = 600V , RDS(on)typ. = 210m廓 , Trr typ. = 170ns , ID = 26A )
IRFP23N50LPBF IRF-IRFP23N50LPBF Datasheet
202Kb / 9P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190廓 , Trr typ. = 170ns , ID = 23A )
logo
STMicroelectronics
STF10N62K3 STMICROELECTRONICS-STF10N62K3 Datasheet
954Kb / 17P
N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
13-Sep-2012
logo
CUI INC
PJ-035C CUI-PJ-035C Datasheet
237Kb / 1P
CONTACT RESISTANCE : 50m OHMS MAX
PJ-035CH CUI-PJ-035CH Datasheet
237Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
logo
E-SWITCH
N211124 E-SWITCH-N211124 Datasheet
105Kb / 1P
INITAL: 50m - TYP. @ 2-4VDC @ 100mA
logo
Solid State Optronic
S110-X SSOUSA-S110-X_15 Datasheet
347Kb / 8P
Input Series Limiting Resistor (300廓 TYP)
logo
Adels-Contact
609950 ADELS-609950 Datasheet
122Kb / 1P
XYFAZ 2x0,5 red black 50m Spule
logo
Infineon Technologies A...
BTT6050-1ERA INFINEON-BTT6050-1ERA Datasheet
1Mb / 53P
Smart High-Side Power Switch Single Channel, 50m廓
Rev.1.00 2019-03-09
logo
Shenzhen Huazhimei Semi...
HM9701D HMSEMI-HM9701D Datasheet
600Kb / 4P
50m廓 power switch
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com