Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N411110 Datasheet (PDF) - E-SWITCH

N411110 Datasheet PDF - E-SWITCH
Part # N411110
Download  N411110 Download
File Size   156.56 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description INSULATION RESISTANCE: 100MW MIN @ 500VDC

N411110 Datasheet (PDF)

Go To PDF Page Download Datasheet
N411110 Datasheet PDF - E-SWITCH

Part # N411110
Download  N411110 Click to download

File Size   156.56 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description INSULATION RESISTANCE: 100MW MIN @ 500VDC

N411110 Datasheet (HTML) - E-SWITCH




Similar Part No. - N411110

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N411111 E-SWITCH-N411111 Datasheet
66Kb / 1P
Contact Ratings:25mA, 24VDC.
More results


Similar Description - N411110

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-049 CUI-PJ-049 Datasheet
261Kb / 1P
INSULATION RESISTANCE: 100M OHMS MIN : 500V DC
PP-016 CUI-PP-016 Datasheet
215Kb / 1P
INSULATION RESISTANCE: 100M OHMS MIN: 500V DC
logo
E-SWITCH
N470000 E-SWITCH-N470000 Datasheet
109Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N470001 E-SWITCH-N470001 Datasheet
114Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N802002 E-SWITCH-N802002 Datasheet
81Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
logo
DB Lectro Inc
90D DBLECTRO-90D Datasheet
778Kb / 2P
High Insulation Resistance
95D DBLECTRO-95D Datasheet
1Mb / 4P
High Insulation Resistance
logo
Keysight Technologies
U1451A KEYSIGHT-U1451A Datasheet
672Kb / 20P
Insulation Resistance Testers
U1453A KEYSIGHT-U1453A Datasheet
672Kb / 20P
Insulation Resistance Testers
logo
CUI INC
PDP-30 CUI-PDP-30 Datasheet
111Kb / 4P
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com