Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ506S Datasheet (PDF) - Hitachi Semiconductor

2SJ506S Datasheet PDF - Hitachi Semiconductor
Part # 2SJ506S
Download  2SJ506S Download
File Size   50.81 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon P Channel MOS FET High Speed Power Switching

2SJ506S Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ506S Datasheet PDF - Hitachi Semiconductor

Part # 2SJ506S
Download  2SJ506S Click to download

File Size   50.81 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon P Channel MOS FET High Speed Power Switching

2SJ506S Datasheet (HTML) - Hitachi Semiconductor


2SJ506S Product details

Features

•  Low on-resistance RDS(on)= 0.065 Ωtyp. (at VGS = –10V, ID= –5A)

•  Low drive current

•  High speed switching

•  4V gate drive devices.




Similar Part No. - 2SJ506S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ506S RENESAS-2SJ506S Datasheet
89Kb / 8P
Silicon P Channel MOS FET
logo
Guangdong Kexin Industr...
2SJ506S KEXIN-2SJ506S Datasheet
52Kb / 2P
Hight Speed Power Switching
2SJ506S KEXIN-2SJ506S Datasheet
1Mb / 4P
P-Channel MOSFET
logo
Renesas Technology Corp
2SJ506STL-E RENESAS-2SJ506STL-E Datasheet
89Kb / 8P
Silicon P Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ506STL-E VBSEMI-2SJ506STL-E Datasheet
1,015Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - 2SJ506S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
Silicon P-Channel MOS FET High Speed Power Switching
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
Silicon P Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
H7P0601DL RENESAS-H7P0601DL Datasheet
99Kb / 11P
Silicon P Channel MOS FET High Speed Power Switching
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com