Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-BN2-CU Datasheet (PDF) - Vicor Corporation

VI-BN2-CU Datasheet PDF - Vicor Corporation
Part # VI-BN2-CU
Download  VI-BN2-CU Download
File Size   712.75 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 50 to 200 Watts

VI-BN2-CU Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-BN2-CU Datasheet PDF - Vicor Corporation

Part # VI-BN2-CU
Download  VI-BN2-CU Click to download

File Size   712.75 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 50 to 200 Watts

VI-BN2-CU Datasheet (HTML) - Vicor Corporation


VI-BN2-CU Product details

Product Highlights
The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching” component-level DC-DC converters.
Operating at frequencies up to 2 MHz, VI-200 family converters offer exceptional power density, efficiency, noise performance, reliability and ease of use. Booster modules (VI-Bxx) provide a simple, cost-effective, off-the-shelf solution for higher power output requirements. One or more boosters may be used to create synchronous arrays capable of supplying several kilowatts of output power.
The flexibility of Vicor’s power components is also available in half-size, half-power VI-J00 MiniMods.

Features
• RoHS compliant (VE-200)
• Up to 50 W/in3
• cULus, cTÜVus
• Up to 90% efficiency
• Size: 4.6" x 2.4" x 0.5" (116,8 x 61,0 x 12,7mm)
• Remote sense and current limit
• OVP, thermal shutdown
• Logic disable
• Wide range output adjust
• Compatible power booster modules
• ZCS power architecture
• Low noise FM control
• CE Marked
• Isolated output




Similar Part No. - VI-BN2-CU

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI-BN2-CW POWERBOX-VI-BN2-CW Datasheet
533Kb / 2P
50 - 200W PCB MOUNTING COMPONENETS
VI-BN2-CX POWERBOX-VI-BN2-CX Datasheet
533Kb / 2P
50 - 200W PCB MOUNTING COMPONENETS
More results


Similar Description - VI-BN2-CU

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
DC-DC Converters 50 to 200 Watts
logo
List of Unclassifed Man...
S200-50 ETC-S200-50 Datasheet
156Kb / 3P
200 WATTS - 50 VOLTS 30MHZ
C50-28 ETC-C50-28 Datasheet
150Kb / 3P
50 WATTS - 28VOLTS 200-450 MHZ
logo
Vicor Corporation
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
DC-DC Converters 50 to 200 Watts
VE-261-CY VICOR-VE-261-CY Datasheet
312Kb / 6P
50 to 200 Watts
VI-20B-CX VICOR-VI-20B-CX Datasheet
712Kb / 6P
50 to 200 Watts
VE-2NZ-EV-F2 VICOR-VE-2NZ-EV-F2 Datasheet
712Kb / 6P
50 to 200 Watts
logo
Wall Industries,Inc.
LVSERIES WALL-LVSERIES Datasheet
266Kb / 4P
50-200 Watts
logo
Vicor Corporation
VI-200 VICOR-VI-200_17 Datasheet
419Kb / 7P
50 to 200 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com