Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2912 Datasheet (PDF) - Hitachi Semiconductor

2SK2912 Datasheet PDF - Hitachi Semiconductor
Part # 2SK2912
Download  2SK2912 Download
File Size   53.43 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N Channel MOS FET High Speed Power Switching

2SK2912 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2912 Datasheet PDF - Hitachi Semiconductor

Part # 2SK2912
Download  2SK2912 Click to download

File Size   53.43 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N Channel MOS FET High Speed Power Switching

2SK2912 Datasheet (HTML) - Hitachi Semiconductor


2SK2912 Product details

Silicon N Channel MOS FET

High Speed Power Switching



Features

•  Low on-resistance

   RDS= 15 mΩ typ.

•  High speed switching

•  4V gate drive device can be driven from 5V source




Similar Part No. - 2SK2912

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2912 RENESAS-2SK2912 Datasheet
95Kb / 9P
Silicon N Channel MOS FET High Speed Power Switching
2SK2912L RENESAS-2SK2912L Datasheet
95Kb / 9P
Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK2912L ISC-2SK2912L Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2912L-E RENESAS-2SK2912L-E Datasheet
95Kb / 9P
Silicon N Channel MOS FET High Speed Power Switching
2SK2912S RENESAS-2SK2912S Datasheet
95Kb / 9P
Silicon N Channel MOS FET High Speed Power Switching
More results


Similar Description - 2SK2912

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
Silicon N Channel MOS FET High Speed Power Switching
HAT2105T RENESAS-HAT2105T Datasheet
90Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6014DPP RENESAS-RJK6014DPP Datasheet
77Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK5012DPP RENESAS-RJK5012DPP Datasheet
115Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2737 RENESAS-2SK2737 Datasheet
88Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2738 RENESAS-2SK2738 Datasheet
93Kb / 8P
Silicon N Channel MOS FET High Speed Power Switching
RJK4013DPE RENESAS-RJK4013DPE_09 Datasheet
110Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK6066DPP-M0 RENESAS-RJK6066DPP-M0 Datasheet
88Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com