Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

2SK3136 Datasheet (PDF) - Hitachi Semiconductor

2SK3136 Datasheet PDF - Hitachi Semiconductor
Part No. 2SK3136
Download  2SK3136 Click to view

File Size   52.05 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N Channel MOS FET High Speed Power Switching

2SK3136 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3136 Datasheet PDF - Hitachi Semiconductor

Part No. 2SK3136
Download  2SK3136 Click to view

File Size   52.05 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N Channel MOS FET High Speed Power Switching

2SK3136 Datasheet (HTML) - Hitachi Semiconductor

2SK3136 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3136 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3136 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3136 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3136 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3136 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3136 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3136 Datasheet HTML 8Page - Hitachi Semiconductor 2SK3136 Datasheet HTML 9Page - Hitachi Semiconductor 2SK3136 Datasheet HTML 10Page - Hitachi Semiconductor

2SK3136 Product details

Features
• Low on-resistance
    RDS(on) = 4.5 mΩ typ.
• Low drive current
• 4 V gate drive device can be driven from 5 V source



Similar Part No. - 2SK3136

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
2SK3136 RENESAS-2SK3136 Datasheet
87Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
2SK3136 VBSEMI-2SK3136 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
2SK3136 ISC-2SK3136 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
Renesas Technology Corp
Renesas Technology Corp
2SK3136-E RENESAS-2SK3136-E Datasheet
87Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK3136

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
Hitachi Semiconductor
Hitachi Semiconductor
2SK2938 HITACHI-2SK2938 Datasheet
55Kb / 10P
   Silicon N Channel MOS FET, High Speed Power Switching
2SK2957 HITACHI-2SK2957 Datasheet
50Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2978 HITACHI-2SK2978 Datasheet
45Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3070 HITACHI-2SK3070 Datasheet
54Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3134 HITACHI-2SK3134 Datasheet
54Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3159 HITACHI-2SK3159 Datasheet
27Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3207 HITACHI-2SK3207 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3209 HITACHI-2SK3209 Datasheet
26Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10 


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz