Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SK300 Datasheet (PDF) - Hitachi Semiconductor

3SK300 Datasheet PDF - Hitachi Semiconductor
Part # 3SK300
Download  3SK300 Download
File Size   39.51 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier

3SK300 Datasheet (PDF)

Go To PDF Page Download Datasheet
3SK300 Datasheet PDF - Hitachi Semiconductor

Part # 3SK300
Download  3SK300 Click to download

File Size   39.51 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier

3SK300 Datasheet (HTML) - Hitachi Semiconductor


3SK300 Product details

Features
• Low noise figure NF = 1.0 dB typ. at f = 200 MHz
• High gain PG = 27.6 dB typ. at f = 200 MHz




Similar Part No. - 3SK300

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3SK300 RENESAS-3SK300 Datasheet
159Kb / 7P
Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK300ZR-TL-E RENESAS-3SK300ZR-TL-E Datasheet
159Kb / 7P
Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
More results


Similar Description - 3SK300

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
3SK225 TOSHIBA-3SK225 Datasheet
217Kb / 4P
N CHANNEL DUAL GATE MOS TYPE (TV, FM TUNER VHF RF, UHF RF AMPLIFIER APPLIATIONS)
3SK257 TOSHIBA-3SK257 Datasheet
210Kb / 4P
N CHANNEL DUAL GATE MOS TYPE (TV, FM TUNER, VHF, UHF RF AMPLIFIER APPLICATIONS)
logo
Hitachi Semiconductor
3SK309 HITACHI-3SK309 Datasheet
59Kb / 11P
GaAs N Channel Dual Gate MES FET UHF RF Amplifier
3SK317 HITACHI-3SK317 Datasheet
38Kb / 8P
Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK318 HITACHI-3SK318 Datasheet
54Kb / 9P
Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK319 HITACHI-3SK319 Datasheet
49Kb / 9P
Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
logo
Renesas Technology Corp
3SK300 RENESAS-3SK300 Datasheet
159Kb / 7P
Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK317 RENESAS-3SK317 Datasheet
76Kb / 7P
Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK318 RENESAS-3SK318 Datasheet
183Kb / 8P
Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK319 RENESAS-3SK319 Datasheet
100Kb / 8P
Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com