Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4AJ11 Datasheet (PDF) - Hitachi Semiconductor

4AJ11 Datasheet PDF - Hitachi Semiconductor
Part # 4AJ11
Download  4AJ11 Download
File Size   35.58 Kbytes
Page   6 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon P-Channel Power MOS FET Array

4AJ11 Datasheet (PDF)

Go To PDF Page Download Datasheet
4AJ11 Datasheet PDF - Hitachi Semiconductor

Part # 4AJ11
Download  4AJ11 Click to download

File Size   35.58 Kbytes
Page   6 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon P-Channel Power MOS FET Array

4AJ11 Datasheet (HTML) - Hitachi Semiconductor


4AJ11 Product details

Features

• Low on-resistance RDS(on) 0.13 , VGS = –10 V, ID = –4 A

                          RDS(on) 0.17 , VGS = –4 V, I D = –4 A

• Capable of 4 V gate drive

• Low drive current

• High speed switching

• High density mounting

• Suitable for motor driver and solenoid driver and lamp driver



Application

High speed power switching


 





Similar Description - 4AJ11

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AK15 HITACHI-4AK15 Datasheet
49Kb / 9P
Silicon N-Channel Power MOS FET Array
4AK18 HITACHI-4AK18 Datasheet
49Kb / 9P
Silicon N-Channel Power MOS FET Array
4AK21 HITACHI-4AK21 Datasheet
36Kb / 6P
Silicon N-Channel Power MOS FET Array
4AK22 HITACHI-4AK22 Datasheet
36Kb / 6P
Silicon N-Channel Power MOS FET Array
6AM13 HITACHI-6AM13 Datasheet
65Kb / 12P
Silicon N-Channel/P-Channel Complementary Power MOS FET Array
4AM11 HITACHI-4AM11 Datasheet
125Kb / 10P
Silicon N-Channel/P-Channel Power MOS FET Array
6AM14 HITACHI-6AM14 Datasheet
62Kb / 7P
Silicon N-Channel/P-Channel Power MOS FET Array
4AM15 HITACHI-4AM15 Datasheet
59Kb / 6P
Silicon N-Channel/P-Channel Power MOS FET Array
4AM13 HITACHI-4AM13 Datasheet
122Kb / 10P
Silicon N-Channel/P-Channel Power MOS FET Array
logo
Renesas Technology Corp
HAT1069C RENESAS-HAT1069C Datasheet
84Kb / 6P
Silicon P Channel Power MOS FET
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com