Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB301 Datasheet (PDF) - Hitachi Semiconductor

BB301 Datasheet PDF - Hitachi Semiconductor
Part # BB301
Download  BB301 Download
File Size   46.16 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Build in Biasing Circuit MOS FET IC UHF RF Amplifier

BB301 Datasheet (PDF)

Go To PDF Page Download Datasheet
BB301 Datasheet PDF - Hitachi Semiconductor

Part # BB301
Download  BB301 Click to download

File Size   46.16 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Build in Biasing Circuit MOS FET IC UHF RF Amplifier

BB301 Datasheet (HTML) - Hitachi Semiconductor


BB301 Product details

Features
• Build in Biasing Circuit;
   To reduce using parts cost & PC board space.
• Low noise characteristics; (NF = 1.3 dB typ. at f = 200 MHz)
• Withstanding to ESD; Build in ESD absorbing diode .
   Withstand up to 200 V at C = 200 pF,
   Rs = 0 conditions.




Similar Part No. - BB301

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB301 HITACHI-BB301 Datasheet
46Kb / 10P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Renesas Technology Corp
BB301C RENESAS-BB301C Datasheet
271Kb / 8P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB301CAW-TL-E RENESAS-BB301CAW-TL-E Datasheet
271Kb / 8P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
logo
Hitachi Semiconductor
BB301M HITACHI-BB301M Datasheet
46Kb / 10P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Renesas Technology Corp
BB301M RENESAS-BB301M Datasheet
181Kb / 8P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
More results


Similar Description - BB301

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB101C HITACHI-BB101C Datasheet
48Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101M HITACHI-BB101M Datasheet
48Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB102C HITACHI-BB102C Datasheet
62Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB102M HITACHI-BB102M Datasheet
64Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB301M HITACHI-BB301M Datasheet
46Kb / 10P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB302C HITACHI-BB302C Datasheet
58Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB302M HITACHI-BB302M Datasheet
61Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB304C HITACHI-BB304C Datasheet
67Kb / 12P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Renesas Technology Corp
BB505C RENESAS-BB505C Datasheet
111Kb / 9P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB505M RENESAS-BB505M Datasheet
187Kb / 9P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com