Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB501 Datasheet (PDF) - Hitachi Semiconductor

BB501 Datasheet PDF - Hitachi Semiconductor
Part # BB501
Download  BB501 Download
File Size   71.04 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier

BB501 Datasheet (PDF)

Go To PDF Page Download Datasheet
BB501 Datasheet PDF - Hitachi Semiconductor

Part # BB501
Download  BB501 Click to download

File Size   71.04 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier

BB501 Datasheet (HTML) - Hitachi Semiconductor


BB501 Product details

Features
• Build in Biasing Circuit; To reduce using parts cost & PC board space.
• High gain; PG = 21.5 dB typ. at f = 900 MHz
• Low noise; NF = 1.85 dB typ. at f = 900 MHz
• Withstanding to ESD; Build in ESD absorbing diode. Withstand up to 200V at C=200pF, Rs=0 conditions.
• Provide mini mold packages; MPAK-4(SOT-143mod)




Similar Part No. - BB501

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB501 HITACHI-BB501 Datasheet
71Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
logo
Renesas Technology Corp
BB501C RENESAS-BB501C Datasheet
198Kb / 10P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB501CAS-TL-E RENESAS-BB501CAS-TL-E Datasheet
198Kb / 10P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB501M RENESAS-BB501M Datasheet
300Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results


Similar Description - BB501

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB304M HITACHI-BB304M Datasheet
68Kb / 12P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB305C HITACHI-BB305C Datasheet
66Kb / 12P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB402M HITACHI-BB402M Datasheet
64Kb / 11P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB405M HITACHI-BB405M Datasheet
59Kb / 10P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB502M HITACHI-BB502M Datasheet
65Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503C HITACHI-BB503C Datasheet
64Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503M HITACHI-BB503M Datasheet
64Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB504C HITACHI-BB504C Datasheet
80Kb / 11P
Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
logo
Renesas Technology Corp
BB504M RENESAS-BB504M Datasheet
100Kb / 10P
Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com