Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA13408 Datasheet (PDF) - Hitachi Semiconductor

HA13408 Datasheet PDF - Hitachi Semiconductor
Part # HA13408
Download  HA13408 Download
File Size   43.3 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 9-Channel Power Driver

HA13408 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA13408 Datasheet PDF - Hitachi Semiconductor

Part # HA13408
Download  HA13408 Click to download

File Size   43.3 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 9-Channel Power Driver

HA13408 Datasheet (HTML) - Hitachi Semiconductor


HA13408 Product details

Description
The HA13408 9-channel power driver IC is designed to drive dot matrix printer head. This IC can drive 9 pins without using any external components. HA13408 can be used for 2 system four-phase step drive, as every channel is used independently.

Features
• High output current: 1.5 A/channel Max
• High sustaining voltage: 50 V Min
• Low saturation voltage
• Low supply current
• Low input current
• Compatible with TTL, LSTTL & 5 V CMOS
• Low thermal resistance package
• Zener diodes




Similar Part No. - HA13408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA13408 ETC2-HA13408 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - HA13408

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
9-channel LED Driver
logo
Integrated Silicon Solu...
IS31FL3199 ISSI-IS31FL3199 Datasheet
372Kb / 16P
9-CHANNEL LIGHT EFFECT LED DRIVER
logo
ams AG
AS3665 AMSCO-AS3665_04 Datasheet
3Mb / 78P
9 Channel Advanced Command Driven RGB/White LED Driver
logo
Marktech Corporate
TB62781FNG MARKTECH-TB62781FNG Datasheet
81Kb / 6P
9-Channel Constant-Current LED Driver
logo
Comchip Technology
TB62781FNG COMCHIP-TB62781FNG_15 Datasheet
81Kb / 6P
9-Channel Constant-Current LED Driver
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
Serial I/F Controlled 9-Channel Motor-Driver
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
Serial I/F Controlled 9-Channel Motor-Driver
logo
ON Semiconductor
LV5237JA ONSEMI-LV5237JA Datasheet
418Kb / 23P
9-channel LED Driver
November 2014 - Rev. P0
LV5234V ONSEMI-LV5234V Datasheet
347Kb / 24P
9-channel LED Driver
March, 2014
logo
Integrated Silicon Solu...
IS31FL3193-DLS2-TR ISSI-IS31FL3193-DLS2-TR Datasheet
320Kb / 13P
9-CHANNEL LIGHT EFFECT LED DRIVER
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com