Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA13565F Datasheet (PDF) - Hitachi Semiconductor

HA13565F Datasheet PDF - Hitachi Semiconductor
Part # HA13565F
Download  HA13565F Download
File Size   62.98 Kbytes
Page   17 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Three-Phase Brushless DC Motor Driver IC

HA13565F Datasheet (PDF)

Go To PDF Page Download Datasheet
HA13565F Datasheet PDF - Hitachi Semiconductor

Part # HA13565F
Download  HA13565F Click to download

File Size   62.98 Kbytes
Page   17 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Three-Phase Brushless DC Motor Driver IC

HA13565F Datasheet (HTML) - Hitachi Semiconductor


HA13565F Product details

Description
HA13565F is a 3-phase brushless DC motor driver IC with digital speed control. It is developed for direct drive of the spindle motor of 5V floppy disk drives. It has the following functions and features.

Features
• Low saturation voltage 0.5V Typ (at 0.7A)
• Soft switching drive circuit
• Small surface mount package

Functions
• 3 sensor 1.0A/phase, 3-phase drive circuit
• Digital speed control circuit
• Sensorless index circuit
• Current limiter circuit
• Over-temperature shutdown circuit (OTSD)
• Circuit for switching between 300 and 360rpm speeds




Similar Part No. - HA13565F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13561 HITACHI-HA13561 Datasheet
114Kb / 26P
Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
Combo (Spindle & VCM) Driver
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
Three-Phase Brushless Motor Driver
HA13563V HITACHI-HA13563V Datasheet
82Kb / 18P
Three-Phase Brushless Motor Driver
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
Combo (Spindle & VCM) Driver
More results


Similar Description - HA13565F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1854M SANYO-LB1854M Datasheet
107Kb / 6P
Three-Phase Brushless Motor Driver IC
LB1881M SANYO-LB1881M Datasheet
115Kb / 6P
Three-Phase Brushless Motor Driver IC
logo
Hitachi Semiconductor
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
Three-Phase Brushless DC Motor Driver IC
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
New Japan Radio
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
logo
Toshiba Semiconductor
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
Three-Phase Full-Wave Brushless DC Motor Driver IC
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
Monolithic Digital IC Three-Phase Brushless Motor Driver
logo
Toshiba Semiconductor
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
Three-Phase Full-Wave Brushless DC Motor Driver IC
logo
STMicroelectronics
AN1625 STMICROELECTRONICS-AN1625 Datasheet
1Mb / 39P
L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
Oct-2003
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
Three-Phase Brushless DC Motor Driver
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com