Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16107P Datasheet (PDF) - Hitachi Semiconductor

HA16107P Datasheet PDF - Hitachi Semiconductor
Part # HA16107P
Download  HA16107P Download
File Size   170.94 Kbytes
Page   38 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description PWM Switching Regulator for High-performance Voltage Mode Control

HA16107P Datasheet (PDF)

Go To PDF Page Download Datasheet
HA16107P Datasheet PDF - Hitachi Semiconductor

Part # HA16107P
Download  HA16107P Click to download

File Size   170.94 Kbytes
Page   38 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description PWM Switching Regulator for High-performance Voltage Mode Control

HA16107P Datasheet (HTML) - Hitachi Semiconductor


HA16107P Product details

Description

The IC products in this series are primary control switching regulator control IC’s appropriate for obtaining

stabilized DC voltages from commercial AC power.



Features

•  Operating frequencies up to a high 600 kHz

•  Built-in pre-driver circuit for driving power MOS FET

•  Built-in timer latch over-current protection function (HA16107)

•  The OCL enables intermittent operation by an ON/OFF timer for prevention of secondary overcurrent.

(HA16108)

•  The UVL function (under voltage lockout) is applied to both Vin and Vref.

•  ON/OFF reset: an auto-reset function which is based on the time constant of an external capacitor and

observation of drops in Vin.

•  Since the over-voltage protection function OVP (the TL pin) only observes voltage drops in Vin, it is

possible to use the OVP and ON/OFF pin for independent purposes.

•  Built-in 34 V Zener diode between Vin and ground.



Functions

•  6.45 V reference voltage

•  Triangle wave generator

•  Error amplifier

•  Under voltage lockout protector

•  PWM comparator

•  Pulse-by-pulse current limitting

•  Timer-latch current limitting (HA16107)

•  ON/OFF timer function (HA16108)

•  Soft start and quick shutdown

•  Output circuit for power MOS FET driving




Similar Part No. - HA16107P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16107P HITACHI-HA16107P Datasheet
361Kb / 16P
600kHz PWM Switching Regulator Controller
logo
Renesas Technology Corp
HA16107P RENESAS-HA16107P Datasheet
454Kb / 40P
PWM Switching Regulator for High-performance Voltage Mode Control
More results


Similar Description - HA16107P

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2378 NJRC-NJM2378 Datasheet
294Kb / 8P
PWM SWITCHING REGULATOR CONTROL IC FOR SLAVE TYPE
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A_06 Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Renesas Technology Corp
HA16107P RENESAS-HA16107P Datasheet
454Kb / 40P
PWM Switching Regulator for High-performance Voltage Mode Control
logo
Sanken electric
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
Current Mode Control PWM Regulator ICs For Switching Power Supplies
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
Current Mode Control PWM Regulator ICs For Switching Power Supplies
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
List of Unclassifed Man...
THX208 ETC2-THX208 Datasheet
804Kb / 22P
High-performance current - mode PWM regulator
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com