Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS5YPM57E1A Datasheet (PDF) - OptoSupply International

OS5YPM57E1A Datasheet PDF - OptoSupply International
Part # OS5YPM57E1A
Download  OS5YPM57E1A Download
File Size   65.03 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Flat Yellow LED

OS5YPM57E1A Datasheet (PDF)

Go To PDF Page Download Datasheet
OS5YPM57E1A Datasheet PDF - OptoSupply International

Part # OS5YPM57E1A
Download  OS5YPM57E1A Click to download

File Size   65.03 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Flat Yellow LED

OS5YPM57E1A Datasheet (HTML) - OptoSupply International




Similar Part No. - OS5YPM57E1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS5YPM5111A OPTOSUPPLY-OS5YPM5111A Datasheet
65Kb / 1P
5mm Round Yellow LED
OS5YPM5201A OPTOSUPPLY-OS5YPM5201A Datasheet
62Kb / 1P
5mm Bullet Yellow LED
OS5YPM5471D OPTOSUPPLY-OS5YPM5471D Datasheet
67Kb / 1P
5.0x4.1mm Oval Yellow LED
OS5YPM56A1A OPTOSUPPLY-OS5YPM56A1A Datasheet
67Kb / 1P
4.8mm Straw Yellow LED
OS5YPM5C31C OPTOSUPPLY-OS5YPM5C31C Datasheet
63Kb / 1P
5mm Round Yellow LED
More results


Similar Description - OS5YPM57E1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5MA57E1A OPTOSUPPLY-OSY5MA57E1A Datasheet
99Kb / 1P
5mm Flat Phoenix Yellow LED
OSY5PA57E1A OPTOSUPPLY-OSY5PA57E1A Datasheet
100Kb / 1P
5mm Flat Premium Yellow LED
OSY5SA57E1A OPTOSUPPLY-OSY5SA57E1A Datasheet
98Kb / 1P
5mm Flat Yellow LED
OSYGHC5B32A OPTOSUPPLY-OSYGHC5B32A Datasheet
101Kb / 1P
5mm Round Yellow & Yellow Green LED
OSY5RU57E1A OPTOSUPPLY-OSY5RU57E1A Datasheet
136Kb / 1P
5mm Flat Yellow LED
OSY5MA57E1A OPTOSUPPLY-OSY5MA57E1A_09 Datasheet
140Kb / 1P
5mm Flat Phoenix Yellow LED
OSY5PA57E1A OPTOSUPPLY-OSY5PA57E1A_09 Datasheet
157Kb / 1P
5mm Flat Premium Yellow LED
logo
List of Unclassifed Man...
MCLF056YD ETC2-MCLF056YD Datasheet
497Kb / 3P
LED Yellow, 5mm
logo
OptoSupply Internationa...
OS5YKA5C31A OPTOSUPPLY-OS5YKA5C31A Datasheet
139Kb / 1P
5mm Round Yellow LED
logo
LUMEX INC.
SSL-LX50FT3SYC LUMEX-SSL-LX50FT3SYC Datasheet
51Kb / 1P
T-5mm 590mm SUPER YELLOW FLAT TOP LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com