Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSMM72E3E1E Datasheet (PDF) - OptoSupply International

OSMM72E3E1E Datasheet PDF - OptoSupply International
Part # OSMM72E3E1E
Download  OSMM72E3E1E Download
File Size   175.68 Kbytes
Page   2 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Xeon Power Warm Whiite HV AC LED 3W 70V

OSMM72E3E1E Datasheet (PDF)

Go To PDF Page Download Datasheet
OSMM72E3E1E Datasheet PDF - OptoSupply International

Part # OSMM72E3E1E
Download  OSMM72E3E1E Click to download

File Size   175.68 Kbytes
Page   2 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Xeon Power Warm Whiite HV AC LED 3W 70V

OSMM72E3E1E Datasheet (HTML) - OptoSupply International




Similar Part No. - OSMM72E3E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMM72E3E1EVER.1 OPTOSUPPLY-OSMM72E3E1EVER.1 Datasheet
175Kb / 2P
xeon power warm white hv ac led 3w 70v
More results


Similar Description - OSMM72E3E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS5M7NE1E1E OPTOSUPPLY-OS5M7NE1E1E Datasheet
144Kb / 2P
Xeon Power Warm Whiite LED
OSM5X9H891E OPTOSUPPLY-OSM5X9H891E Datasheet
540Kb / 3P
Tops 3 3W Power Warm Whiite LED
OSW4HZE3E1E OPTOSUPPLY-OSW4HZE3E1E Datasheet
129Kb / 1P
Xeon Power Pure Whiite HV DC LED 1.5W 50V
OSW4XNE1E1E OPTOSUPPLY-OSW4XNE1E1E Datasheet
146Kb / 2P
Xeon 1 Power Pure Whiite LED
OSWW72E3E1E OPTOSUPPLY-OSWW72E3E1E Datasheet
175Kb / 2P
Xeon Power Pure Whiite HV AC LED 3W 70V
OSWWH2E3E1E OPTOSUPPLY-OSWWH2E3E1E Datasheet
175Kb / 2P
Xeon Power Pure Whiite HV AC LED 3W 50V
OSWWX2E3E1E OPTOSUPPLY-OSWWX2E3E1E Datasheet
168Kb / 2P
Xeon 3 Power Pure Whiite AC LED
OSMM72E3E1EVER.1 OPTOSUPPLY-OSMM72E3E1EVER.1 Datasheet
175Kb / 2P
xeon power warm white hv ac led 3w 70v
OSWW72E3E1EVER.1 OPTOSUPPLY-OSWW72E3E1EVER.1 Datasheet
175Kb / 2P
xeon power pure white hv ac led 3w 70v
OSWWH2E3E1E_VER.A.2 OPTOSUPPLY-OSWWH2E3E1E_VER.A.2 Datasheet
175Kb / 2P
xeon power pure white hv ac led 3w 50v
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com