Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB288032MM1 Datasheet (PDF) - Hitachi Semiconductor

HB288032MM1 Datasheet PDF - Hitachi Semiconductor
Part # HB288032MM1
Download  HB288032MM1 Download
File Size   236.57 Kbytes
Page   80 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MultiMediaCard 32 MByte

HB288032MM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HB288032MM1 Datasheet PDF - Hitachi Semiconductor

Part # HB288032MM1
Download  HB288032MM1 Click to download

File Size   236.57 Kbytes
Page   80 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MultiMediaCard 32 MByte

HB288032MM1 Datasheet (HTML) - Hitachi Semiconductor


HB288032MM1 Product details

Description
The Hitachi MultiMediaCard HB288032MM1 is a highly integrated flash memory with serial and random access capability. It is accessible via a dedicated serial interface optimized for fast and reliable data transmission. This interface allows several cards to be stacked by through connecting their peripheral contacts. The HB288032MM1 is fully compatible to a new consumer standard, called the MultiMediaCard system standard defined in the MultiMediaCard system specification [1].

Features
• 32 MByte memory capacity
• On card error correction
• MultiMediaCard system standard compatibility
    - System specification version 2.11 compliant
    - SPI interface supported
    - Block and partial block read supported (Command classes 0 and 2)
    - Stream read supported (Command class 1)
    - Block write and erase supported (Command classes 4 and 5)
    - Group write protection (Command classes 6)
    - Stream write supported (Command classes 3)
    - Password data access protection
    - Small erase block size of 512 bytes, tagged erase supported
    - Read block size programmable between 1 and 2048 bytes
    - VCC = 2.7 V to 3.6 V operation voltage range (VCC = 2.0 V to 3.6 V for the interface)
    - No external programming voltage required
    - Damage free powered card insertion and removal
    - 4kV ESD protection
• High speed serial interface with random access
    - Read speed: sustained: 13.7 Mbits/s (multi-block read) burst (one block): 20 Mbit/s
    - Write speed: sustained: 2.8 Mbit/s (multi-block write to pre-erased sectors) burst (one block): 20 Mbit/s
    - Up to 10 stacked card (at 20 MHz, VCC = 2.7 to 3.6V)
    - Access time: 300 µs (max) (at 20 MHz, VCC = 2.7 to 3.6V, random byte access (Typical case))
• Low power dissipation
    - High speed: 95 mW (max) (at 20 MHz, VCC = 2.7 V)




Similar Part No. - HB288032MM1

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288032A5 HITACHI-HB288032A5 Datasheet
170Kb / 66P
FLASH ATA Card
HB288032A6 HITACHI-HB288032A6 Datasheet
169Kb / 66P
FLASH ATA Card
HB288032C5 HITACHI-HB288032C5 Datasheet
171Kb / 67P
CompactFlash?
HB288032C6 HITACHI-HB288032C6 Datasheet
170Kb / 67P
CompactFlash?
More results


Similar Description - HB288032MM1

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
MultiMediaCard 16 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
MultiMediaCard 64 MByte
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28E016BP2 HITACHI-HB28E016BP2 Datasheet
328Kb / 90P
Mobile Embedded Flash with MultiMediaCard-TM Interface 16 Mbyte/32 Mbyte
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
CompactFlash??96 MByte/32 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com