Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC16836 Datasheet (PDF) - Hitachi Semiconductor

HD74ALVC16836 Datasheet PDF - Hitachi Semiconductor
Part # HD74ALVC16836
Download  HD74ALVC16836 Download
File Size   57.18 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 20-bit Universal Bus Driver with 3-state Outputs

HD74ALVC16836 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74ALVC16836 Datasheet PDF - Hitachi Semiconductor

Part # HD74ALVC16836
Download  HD74ALVC16836 Click to download

File Size   57.18 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 20-bit Universal Bus Driver with 3-state Outputs

HD74ALVC16836 Datasheet (HTML) - Hitachi Semiconductor


HD74ALVC16836 Product details

Description
This 20-bit universal bus driver is designed for 2.3 V to 3.6 V VCC operation.

Features
• VCC = 2.3 V to 3.6 V
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@VCC = 3.0 V)




Similar Part No. - HD74ALVC16836

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC16834 HITACHI-HD74ALVC16834 Datasheet
59Kb / 15P
18-bit Universal Bus Driver with 3-state Outputs and Inverted Latch Enable
HD74ALVC16835 HITACHI-HD74ALVC16835 Datasheet
63Kb / 15P
18-bit Universal Bus Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVC16835 RENESAS-HD74ALVC16835 Datasheet
3Mb / 12P
18-bit Universal Bus Driver with 3-state Outputs
HD74ALVC16835TEL RENESAS-HD74ALVC16835TEL Datasheet
3Mb / 12P
18-bit Universal Bus Driver with 3-state Outputs
More results


Similar Description - HD74ALVC16836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC162836 TI-SN74ALVC162836 Datasheet
134Kb / 10P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162836 TI-SN74ALVCH162836 Datasheet
137Kb / 10P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16836 TI-SN74ALVCH16836 Datasheet
133Kb / 10P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC162836 HITACHI-HD74ALVC162836 Datasheet
57Kb / 13P
20-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH162836 HITACHI-HD74ALVCH162836 Datasheet
57Kb / 13P
20-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH16836 HITACHI-HD74ALVCH16836 Datasheet
57Kb / 13P
20-bit Universal Bus Driver with 3-state Outputs
logo
Pericom Semiconductor C...
PI74AVC PERICOM-PI74AVC Datasheet
102Kb / 9P
2.5V 20-Bit Universal Bus Driver with 3-State Outputs
logo
Integrated Device Techn...
IDT74ALVC162836 IDT-IDT74ALVC162836 Datasheet
65Kb / 6P
3.3V CMOS 20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162836 TI-SN74ALVC162836_06 Datasheet
157Kb / 10P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162836 TI1-SN74ALVCH162836_09 Datasheet
372Kb / 16P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com