Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC109 Datasheet (PDF) - Hitachi Semiconductor

HD74HC109 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC109
Download  HD74HC109 Download
File Size   59.92 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual J-K Flip-Flops (with Preset and Clear)

HD74HC109 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC109 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC109
Download  HD74HC109 Click to download

File Size   59.92 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual J-K Flip-Flops (with Preset and Clear)

HD74HC109 Datasheet (HTML) - Hitachi Semiconductor


HD74HC109 Product details

Description

Each flip-flop has independent J, K, preset, clear and clock inputs and Q and Qoutputs. This device is edge sensitive to the clock input and changes state on the positive going transition of the clock pulse. Clear and preset are independent of the clock and accomplished by a low logic level on the corresponding input.



Features

•  High Speed Operation: tpd(Clock to Q) = 15 ns typ (CL = 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 2 µA max (Ta = 25°C)




Similar Part No. - HD74HC109

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC109 RENESAS-HD74HC109 Datasheet
111Kb / 8P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC109FPEL RENESAS-HD74HC109FPEL Datasheet
111Kb / 8P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC109P RENESAS-HD74HC109P Datasheet
111Kb / 8P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC109RPEL RENESAS-HD74HC109RPEL Datasheet
111Kb / 8P
Dual J-K Flip-Flops (with Preset and Clear)
More results


Similar Description - HD74HC109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC112 FAIRCHILD-74VHC112 Datasheet
70Kb / 7P
Dual J-K Flip-Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74HC112 HITACHI-HD74HC112 Datasheet
60Kb / 9P
Dual J-K Flip-Flops (with Preset and Clear)
logo
National Semiconductor ...
MM54HC76 NSC-MM54HC76 Datasheet
136Kb / 6P
Dual J-K Flip-Flops with Preset and Clear
MM54HCT109 NSC-MM54HCT109 Datasheet
123Kb / 4P
Dual J-K Flip-Flops with Preset and Clear
logo
Fairchild Semiconductor
MM74C73 FAIRCHILD-MM74C73_04 Datasheet
64Kb / 6P
Dual J-K Flip-Flops with Clear and Preset
logo
Renesas Technology Corp
HD74LS76A RENESAS-HD74LS76A Datasheet
131Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC76 RENESAS-HD74HC76 Datasheet
99Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC109 RENESAS-HD74HC109 Datasheet
111Kb / 8P
Dual J-K Flip-Flops (with Preset and Clear)
logo
Fairchild Semiconductor
74VHC112MX FAIRCHILD-74VHC112MX Datasheet
269Kb / 9P
Dual J-K Flip-Flops with Preset and Clear
logo
Texas Instruments
SN5476 TI1-SN5476_15 Datasheet
477Kb / 14P
DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com