Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC114 Datasheet (PDF) - Hitachi Semiconductor

HD74HC114 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC114
Download  HD74HC114 Download
File Size   49.0 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)

HD74HC114 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC114 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC114
Download  HD74HC114 Click to download

File Size   49.0 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)

HD74HC114 Datasheet (HTML) - Hitachi Semiconductor


HD74HC114 Product details

Description
This flip-flop is edge sensitive to the clock input and change state on the negative transition of the clock pulse. each flip-flop has independent J, K and preset inputs and Q and Q outputs. Two flip-flops are controlled by a common clear and a common clock. Preset and clear are independent of the clock and accomplished by a low logic level on the corresponding input.

Features
• High Speed Operation: tpd (Clock to Q) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 2 µA max (Ta = 25°C)




Similar Part No. - HD74HC114

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC11 HITACHI-HD74HC11 Datasheet
39Kb / 7P
Triple 3-input AND Gates
logo
Renesas Technology Corp
HD74HC11 RENESAS-HD74HC11 Datasheet
84Kb / 7P
Triple 3-input AND Gates
logo
Hitachi Semiconductor
HD74HC112 HITACHI-HD74HC112 Datasheet
60Kb / 9P
Dual J-K Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
HD74HC112 RENESAS-HD74HC112 Datasheet
102Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC112FPEL RENESAS-HD74HC112FPEL Datasheet
102Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
More results


Similar Description - HD74HC114

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC108 HITACHI-HD74HC108 Datasheet
55Kb / 9P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC78 HITACHI-HD74HC78 Datasheet
59Kb / 10P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74LS114 HITACHI-HD74LS114 Datasheet
77Kb / 7P
Dual J-K Negative-edge-triggered Flip-Flops(with Preset, Common Clear and Common Clock)
HD74LS78A HITACHI-HD74LS78A Datasheet
71Kb / 6P
Dual J-K Flip-Flops(with Preset, Common Clear, and Common Clock)
logo
Texas Instruments
SN54LS78A TI-SN54LS78A Datasheet
87Kb / 5P
DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
SN74H78 TI-SN74H78 Datasheet
353Kb / 8P
DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
logo
Renesas Technology Corp
HD74LS78A RENESAS-HD74LS78A Datasheet
182Kb / 7P
Dual J-K Flip-Flops (with Preset, Common Clear, and Common Clock)
HD74HC78 RENESAS-HD74HC78 Datasheet
105Kb / 7P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC108 RENESAS-HD74HC108 Datasheet
87Kb / 7P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC78 RENESAS-HD74HC78_15 Datasheet
124Kb / 9P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com