Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC131 Datasheet (PDF) - Hitachi Semiconductor

HD74HC131 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC131
Download  HD74HC131 Download
File Size   58.06 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers

HD74HC131 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC131 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC131
Download  HD74HC131 Click to download

File Size   58.06 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers

HD74HC131 Datasheet (HTML) - Hitachi Semiconductor


HD74HC131 Product details

Description
The HD74HC131 is 3-to-8 linedecoder. It has Address select inputs (A,B,C) and D type register.
Address select data store to D type registers, during the positive going transition of the clock pulse.
Output control (G 1, G2) are independent of select input and CLK input, and when G1 is low or G2 = High, all outputs is high.

Features
• High Speed Operation: tpd (CLK to Y) = 20 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 V to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC131

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC131 RENESAS-HD74HC131 Datasheet
114Kb / 9P
3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
HD74HC131FPEL RENESAS-HD74HC131FPEL Datasheet
114Kb / 9P
3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
HD74HC131P RENESAS-HD74HC131P Datasheet
114Kb / 9P
3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
HD74HC131RPEL RENESAS-HD74HC131RPEL Datasheet
114Kb / 9P
3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
More results


Similar Description - HD74HC131

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT137 HITACHI-HD74HCT137 Datasheet
56Kb / 8P
3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HCT237 HITACHI-HD74HCT237 Datasheet
57Kb / 8P
3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
Renesas Technology Corp
HD74HCT237 RENESAS-HD74HCT237 Datasheet
195Kb / 8P
3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HC131 RENESAS-HD74HC131 Datasheet
114Kb / 9P
3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
HD74HC237 RENESAS-HD74HC237 Datasheet
72Kb / 10P
3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Texas Instruments
SN74AS131A TI1-SN74AS131A Datasheet
109Kb / 6P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS REGISTERS
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138_15 Datasheet
140Kb / 10P
3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com