Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC148 Datasheet (PDF) - Hitachi Semiconductor

HD74HC148 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC148
Download  HD74HC148 Download
File Size   45.29 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8-to-3-line Octal Priority Encoder

HD74HC148 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC148 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC148
Download  HD74HC148 Click to download

File Size   45.29 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8-to-3-line Octal Priority Encoder

HD74HC148 Datasheet (HTML) - Hitachi Semiconductor


HD74HC148 Product details

Description

The HD74HC148 encodes eight data lines to three-line (4-2-1) binary (octal). Cascading circuitry (enable input EI and enable output EO) is provided to allow octal expansion without the need for external circuitry.The data inputs and outputs are active at the low logic level.



Features

•  High Speed Operation: tpd(0 - 7 to A0- A2) = 15 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC148

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC148 RENESAS-HD74HC148 Datasheet
79Kb / 6P
8-to-3-line Octal Priority Encoder
HD74HC148FPEL RENESAS-HD74HC148FPEL Datasheet
79Kb / 6P
8-to-3-line Octal Priority Encoder
HD74HC148P RENESAS-HD74HC148P Datasheet
79Kb / 6P
8-to-3-line Octal Priority Encoder
More results


Similar Description - HD74HC148

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
252Kb / 11P
8 TO 3 LINE PRIORITY ENCODER
Oct-1992
logo
Fairchild Semiconductor
74F148 FAIRCHILD-74F148 Datasheet
61Kb / 6P
8-Line to 3-Line Priority Encoder
MM74HC148 FAIRCHILD-MM74HC148 Datasheet
77Kb / 8P
8-3 Line Priority Encoder
logo
STMicroelectronics
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
329Kb / 11P
8 TO 3 LINE PRIORITY ENCODER
Jul-2001
logo
List of Unclassifed Man...
GD74HCT148 ETC1-GD74HCT148 Datasheet
207Kb / 4P
8-TO-3 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
8-3 Line Priority Encoder
MM54HC148 NSC-MM54HC148 Datasheet
127Kb / 6P
8-3 Line Priority Encoder
logo
Toshiba Semiconductor
TC74HC148AP TOSHIBA-TC74HC148AP_07 Datasheet
353Kb / 9P
8-to-3 Line Priority Encoder
logo
Renesas Technology Corp
HD74LS148 RENESAS-HD74LS148 Datasheet
72Kb / 6P
8-line-to-3-line Octal Priority Encoder
HD74HC148 RENESAS-HD74HC148 Datasheet
79Kb / 6P
8-to-3-line Octal Priority Encoder
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com