Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC182 Datasheet (PDF) - Hitachi Semiconductor

HD74HC182 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC182
Download  HD74HC182 Download
File Size   56.32 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Look-Ahead Carry Generator

HD74HC182 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC182 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC182
Download  HD74HC182 Click to download

File Size   56.32 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Look-Ahead Carry Generator

HD74HC182 Datasheet (HTML) - Hitachi Semiconductor


HD74HC182 Product details

Description
The HD74HC182 is a high-speed Carry Lockahead Generator. It is used with the HD74HC181 4-Bit Arithmetic Logic Unit to provide high-speed lockahead over World lengths of more than four bits.

Features
• High Speed Operation: tpd (Pn to P) = 11 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC182

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC182 RENESAS-HD74HC182 Datasheet
166Kb / 10P
Look-Ahead Carry Generator
More results


Similar Description - HD74HC182

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F182 PHILIPS-74F182 Datasheet
56Kb / 6P
Look-ahead carry generator
1991 Apr 15 2 853
74HC182 PHILIPS-74HC182 Datasheet
68Kb / 9P
Look-ahead carry generator
December 1990
logo
STMicroelectronics
HCC40182B STMICROELECTRONICS-HCC40182B Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
M54HC182 STMICROELECTRONICS-M54HC182 Datasheet
260Kb / 12P
FUNCTION LOOK AHEAD CARRY GENERATOR
Mar-1993
logo
Fairchild Semiconductor
DM74S182 FAIRCHILD-DM74S182 Datasheet
53Kb / 5P
Look-Ahead Carry Generator
logo
Intersil Corporation
CD40182BMS INTERSIL-CD40182BMS Datasheet
140Kb / 9P
CMOS Look-Ahead Carry Generator
December 1992
logo
NXP Semiconductors
100179 PHILIPS-100179 Datasheet
328Kb / 7P
Carry Look-Ahead Generator
June 14 1990
logo
Motorola, Inc
MC145828B MOTOROLA-MC145828B Datasheet
106Kb / 6P
LOOK-AHEAD CARRY BLOCK
logo
Renesas Technology Corp
HD74HC182 RENESAS-HD74HC182 Datasheet
166Kb / 10P
Look-Ahead Carry Generator
logo
National Semiconductor ...
DM74AS282 NSC-DM74AS282 Datasheet
316Kb / 5P
Look-Ahead Carry Generator With Selectable Carry Inputs
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com