Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC193 Datasheet (PDF) - Hitachi Semiconductor

HD74HC193 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC193
Download  HD74HC193 Download
File Size   74.63 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Synchronous Up/Down Decade,4-bit Binary Counter(Dual Clock Line)

HD74HC193 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC193 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC193
Download  HD74HC193 Click to download

File Size   74.63 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Synchronous Up/Down Decade,4-bit Binary Counter(Dual Clock Line)

HD74HC193 Datasheet (HTML) - Hitachi Semiconductor


HD74HC193 Product details

Description
The HD74HC192 is a decade counter, and the HD74HC193 is a binary counter. Both counters have two separate clock inputs, an up count input and a down count input. All outputs of the flip-flops are simultaneously triggered on the low to high transition of either clock while the other input is held high. The direction of counting is determined by which input is clocked.

Features
• High Speed Operation: tpd (Clock Up or Count Down to Q) = 21 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC193

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC193 RENESAS-HD74HC193 Datasheet
151Kb / 14P
Synchronous Up/Down Decade Counter (Dual Clock Lines)
HD74HC193FPEL RENESAS-HD74HC193FPEL Datasheet
151Kb / 14P
Synchronous Up/Down Decade Counter (Dual Clock Lines)
HD74HC193P RENESAS-HD74HC193P Datasheet
151Kb / 14P
Synchronous Up/Down Decade Counter (Dual Clock Lines)
More results


Similar Description - HD74HC193

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54193 NSC-DM54193 Datasheet
121Kb / 5P
Synchronous Up/Down 4-Bit Binary Counter with Dual Clock
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
Oct-1992
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Hitachi Semiconductor
HD74HC190 HITACHI-HD74HC190 Datasheet
75Kb / 13P
Synchronous Up/Down Decade,4-bit Binary Counter(Single Clock Line)
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
Synchronous UP/Down Decade,4-bit binary Counter
logo
Renesas Technology Corp
HD74LS190 RENESAS-HD74LS190 Datasheet
198Kb / 11P
Synchronous Up / Down Decade Counter (signal clock line)
HD74LS191 RENESAS-HD74LS191 Datasheet
92Kb / 11P
Synchronous Up / Down 4-bit Binary Counter (single clock line)
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com