Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC257 Datasheet (PDF) - Hitachi Semiconductor

HD74HC257 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC257
Download  HD74HC257 Download
File Size   52.59 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)

HD74HC257 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC257 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC257
Download  HD74HC257 Click to download

File Size   52.59 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)

HD74HC257 Datasheet (HTML) - Hitachi Semiconductor


HD74HC257 Product details

Description
The large output drive capability coupled with the 3-state feature make this device ideal for interfacing with bus lines in a bus organized system. When the output control input line is taken high, the outputs of all four multiplexers are sent into a high impedance state. When the output control line is low, the select input chooses whether the A or B input is used.

Features
• High Speed Operation: tpd (Data to Y) = 10.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC257

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC257 RENESAS-HD74HC257 Datasheet
106Kb / 8P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74HC257FPEL RENESAS-HD74HC257FPEL Datasheet
106Kb / 8P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74HC257P RENESAS-HD74HC257P Datasheet
106Kb / 8P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74HC257RPEL RENESAS-HD74HC257RPEL Datasheet
106Kb / 8P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
More results


Similar Description - HD74HC257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC258 HITACHI-HD74HC258 Datasheet
55Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with 3-state outputs)
HD74LS157 HITACHI-HD74LS157 Datasheet
59Kb / 6P
Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs)
HD74LV157A HITACHI-HD74LV157A Datasheet
62Kb / 14P
Quad. 2-to-1 line Data Selectors / Multiplexers(Noninverted Outputs)
logo
Renesas Technology Corp
HD74LV157A RENESAS-HD74LV157A Datasheet
77Kb / 9P
Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
HD74LS157 RENESAS-HD74LS157 Datasheet
73Kb / 7P
Quadruple 2-line-to-1-line Data Selectors / Multiplexers (noninverted outputs)
HD74HC157 RENESAS-HD74HC157 Datasheet
73Kb / 10P
Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)
HD74HC257 RENESAS-HD74HC257 Datasheet
106Kb / 8P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74HC258 RENESAS-HD74HC258 Datasheet
108Kb / 8P
Quad. 2-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74LV157A RENESAS-HD74LV157A_15 Datasheet
101Kb / 11P
Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com