Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC390 Datasheet (PDF) - Hitachi Semiconductor

HD74HC390 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC390
Download  HD74HC390 Download
File Size   51.51 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual Decade Counters

HD74HC390 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC390 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC390
Download  HD74HC390 Click to download

File Size   51.51 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual Decade Counters

HD74HC390 Datasheet (HTML) - Hitachi Semiconductor


HD74HC390 Product details

Description
The HD74HC390 incorporate dual decade counters, each composed of a divide-by-two and a divide-byfive counter. The divide-by-two and divide-by-five counters can be cascaded to form dual decade, dual biquinary, or various combinations up to a single divide-by-100 counter.

Features
• High Speed Operation: tpd (Clock A to QA) = 11 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC390

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC390 RENESAS-HD74HC390 Datasheet
93Kb / 7P
Dual Decade Counters
HD74HC390P RENESAS-HD74HC390P Datasheet
93Kb / 7P
Dual Decade Counters
More results


Similar Description - HD74HC390

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC490 HITACHI-HD74HC490 Datasheet
44Kb / 8P
Dual 4-bit Decade Counters
HD74LS390 HITACHI-HD74LS390 Datasheet
69Kb / 6P
Dual Decade Counters
logo
Texas Instruments
SN74LS68 TI-SN74LS68 Datasheet
426Kb / 7P
DUAL 4 BIT DECADE OR BINARY COUNTERS
logo
List of Unclassifed Man...
TC372 ETC-TC372 Datasheet
800Kb / 3P
COUNTERS DECADE HEXADECIMAL
logo
National Semiconductor ...
DM74ALS390 NSC-DM74ALS390 Datasheet
106Kb / 6P
Dual 4-Bit Decade Counters
logo
Texas Instruments
SN54LS490 TI-SN54LS490 Datasheet
141Kb / 8P
DUAL 4-BIT DECADE COUNTERS
logo
Renesas Technology Corp
HD74LS390 RENESAS-HD74LS390 Datasheet
172Kb / 6P
Dual Decade Counters
HD74HC390 RENESAS-HD74HC390 Datasheet
93Kb / 7P
Dual Decade Counters
HD74HC490 RENESAS-HD74HC490 Datasheet
160Kb / 8P
Dual 4-bit Decade Counters
logo
Texas Instruments
SN54HC4017 TI1-SN54HC4017 Datasheet
126Kb / 6P
DECADE COUNTERS/DIVIDERS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com