Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC4040 Datasheet (PDF) - Hitachi Semiconductor

HD74HC4040 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC4040
Download  HD74HC4040 Download
File Size   54.09 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 12-stage Binary Counter

HD74HC4040 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC4040 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC4040
Download  HD74HC4040 Click to download

File Size   54.09 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 12-stage Binary Counter

HD74HC4040 Datasheet (HTML) - Hitachi Semiconductor


HD74HC4040 Product details

Description
The HD74HC4040 is a 12-stage counter. This device is incremented on the falling edge (negative transition) of the input clock, and all its output is reset to a low level by applying a logical high on its reset input.

Features
• High Speed Operation: tpd (Clock to Q1) = 15 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC4040

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
12-stage Binary Counter
HD74HC4040FPEL RENESAS-HD74HC4040FPEL Datasheet
93Kb / 7P
12-stage Binary Counter
HD74HC4040FPEL RENESAS-HD74HC4040FPEL Datasheet
113Kb / 9P
12-stage Binary Counter
HD74HC4040P RENESAS-HD74HC4040P Datasheet
93Kb / 7P
12-stage Binary Counter
HD74HC4040P RENESAS-HD74HC4040P Datasheet
113Kb / 9P
12-stage Binary Counter
More results


Similar Description - HD74HC4040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
12-Stage Binary Counter
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
12-stage Binary Counter
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
12-Stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
12 STAGE BINARY COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
12-stage Binary Counter
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com