Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC49 Datasheet (PDF) - Hitachi Semiconductor

HC49 Datasheet PDF - Hitachi Semiconductor
Part # HC49
Download  HC49 Download
File Size   44.31 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 4-bit Decade Counters

HC49 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC49 Datasheet PDF - Hitachi Semiconductor

Part # HC49
Download  HC49 Click to download

File Size   44.31 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 4-bit Decade Counters

HC49 Datasheet (HTML) - Hitachi Semiconductor


HC49 Product details

Description
This circuit contains eight master-slave flip-flops and additional gating to implement two individual 4-bit decade counters. Each decade counter has individual clock, clear and set-to-9 inputs. BCD count sequences of any length up to divide-by-100 may be implemented with a single HD74HC490. Buffering on each output is provided to ensure that suceptibility to collector communication is reduced significantly. The counters have paralle outputs from each counter state so that submultiples of the input count frequency are available for system timing signals.

Features
• High Speed Operation: tpd (Clock to QA) = 13 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HC49

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HC49 GOLLEDGE-HC49 Datasheet
61Kb / 1P
STANDARD CRYSTAL
logo
ECM Electronics Limited...
HC49 ECM-HC49 Datasheet
73Kb / 1P
Standard Crystal
logo
EUROQUARTZ limited
HC49 EUROQUARTZ-HC49 Datasheet
158Kb / 1P
THROUGH-HOLE CRYSTALS
logo
Jauch Quartz Gmbh
HC49 JAUCH-HC49 Datasheet
106Kb / 2P
Quartz Crystal
HC49 JAUCH-HC49 Datasheet
97Kb / 2P
Quartz Crystal
More results


Similar Description - HC49

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54390 TI-SN54390 Datasheet
893Kb / 21P
DUAL 4-BIT DECADE AND BINARY COUNTERS
SN74LS68 TI-SN74LS68 Datasheet
426Kb / 7P
DUAL 4 BIT DECADE OR BINARY COUNTERS
logo
National Semiconductor ...
DM74ALS390 NSC-DM74ALS390 Datasheet
106Kb / 6P
Dual 4-Bit Decade Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54LS490 TI-SN54LS490 Datasheet
141Kb / 8P
DUAL 4-BIT DECADE COUNTERS
SN54390 TI-SN54390_08 Datasheet
1Mb / 31P
DUAL 4-BIT DECADE AND BINARY COUNTERS
logo
Renesas Technology Corp
HD74HC490 RENESAS-HD74HC490 Datasheet
160Kb / 8P
Dual 4-bit Decade Counters
logo
Texas Instruments
SN54390 TI1-SN54390_15 Datasheet
1Mb / 28P
DUAL 4-BIT DECADE AND BINARY COUNTERS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com