Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC74AP Datasheet (PDF) - Hitachi Semiconductor

HD74HC74AP Datasheet PDF - Hitachi Semiconductor
Part # HD74HC74AP
Download  HD74HC74AP Download
File Size   58.03 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual D-type Flip-Flops (with Preset and Clear)

HD74HC74AP Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC74AP Datasheet PDF - Hitachi Semiconductor

Part # HD74HC74AP
Download  HD74HC74AP Click to download

File Size   58.03 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual D-type Flip-Flops (with Preset and Clear)

HD74HC74AP Datasheet (HTML) - Hitachi Semiconductor


HD74HC74AP Product details

Description
The flip-flop has independent data, preset, clear, and clock inputs and Q and Q outputs. The logic level present at thte data input is transferred to the output during the positive going transition to the clock pulse.
Preset and clear are independent of the clock and accomplished by a low level at the appropriate input.

Features
• High Speed Operation: tpd (Clock to Q or Q) = 14 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 2 µA max (Ta = 25°C)




Similar Part No. - HD74HC74AP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
Dual D-type Flip-Flops (with Preset and Clear)
HD74HC74FPEL RENESAS-HD74HC74FPEL Datasheet
108Kb / 8P
Dual D-type Flip-Flops (with Preset and Clear)
HD74HC74FPEL RENESAS-HD74HC74FPEL Datasheet
169Kb / 10P
Dual D-type Flip-Flops (with Preset and Clear)
HD74HC74P RENESAS-HD74HC74P Datasheet
108Kb / 8P
Dual D-type Flip-Flops (with Preset and Clear)
HD74HC74P RENESAS-HD74HC74P Datasheet
169Kb / 10P
Dual D-type Flip-Flops (with Preset and Clear)
More results


Similar Description - HD74HC74AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV74A HITACHI-HD74LV74A Datasheet
66Kb / 16P
Dual D-type Flip Flops with Preset and Clear
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
Dual D-type Flip Flops with Preset and Clear
logo
Renesas Technology Corp
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
Dual D-type Flip Flops with Preset and Clear
HD74LV74A RENESAS-HD74LV74A Datasheet
83Kb / 10P
Dual D-type Flip Flops with Preset and Clear
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
Dual D-type Flip Flops with Preset and Clear
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
Dual D-type Flip-Flops (with Preset and Clear)
HD74HC74 RENESAS-HD74HC74_15 Datasheet
169Kb / 10P
Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
Dual D-type Flip Flops with Preset and Clear
logo
Aeroflex Circuit Techno...
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
Dual D Flip-Flops with Clear & Preset
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
Dual D Flip-Flops with Clear and Preset
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com