Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HCT240 Datasheet (PDF) - Hitachi Semiconductor

HD74HCT240 Datasheet PDF - Hitachi Semiconductor
Part # HD74HCT240
Download  HD74HCT240 Download
File Size   59.25 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)

HD74HCT240 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HCT240 Datasheet PDF - Hitachi Semiconductor

Part # HD74HCT240
Download  HD74HCT240 Click to download

File Size   59.25 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)

HD74HCT240 Datasheet (HTML) - Hitachi Semiconductor


HD74HCT240 Product details

Description

The HD74HCT240 is an inverting buffer and has two active low enables (1G and 2G). Each enable

independently controls 4 buffers. This device does not have schmitt trigger inputs.



Features

• LSTTL Output Logic Level Compatibility as well as CMOS Output Compatibility

• High Speed Operation: tpd (A to Y) = 11 ns typ (CL = 50 pF)

• High Output Current: Fanout of 15 LSTTL Loads

• Wide Operating Voltage: VCC = 4.5 to 5.5 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HCT240

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HCT240 RENESAS-HD74HCT240 Datasheet
106Kb / 7P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT240FPEL RENESAS-HD74HCT240FPEL Datasheet
106Kb / 7P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT240P RENESAS-HD74HCT240P Datasheet
106Kb / 7P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT240RPEL RENESAS-HD74HCT240RPEL Datasheet
106Kb / 7P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT240TELL RENESAS-HD74HCT240TELL Datasheet
106Kb / 7P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
More results


Similar Description - HD74HCT240

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC240 HITACHI-HD74HC240 Datasheet
61Kb / 10P
Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
HD74LS240 HITACHI-HD74LS240 Datasheet
53Kb / 5P
Octal Buffers/Line Drivers/Line Receivers(inverted three-state outputs)
logo
Renesas Technology Corp
HD74LS240 RENESAS-HD74LS240 Datasheet
74Kb / 6P
Octal Buffers / Line Drivers / Line Receivers (inverted three-state outputs)
HD74HCT240 RENESAS-HD74HCT240 Datasheet
106Kb / 7P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT241 RENESAS-HD74HCT241 Datasheet
99Kb / 8P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244 Datasheet
105Kb / 7P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240 RENESAS-HD74HC240 Datasheet
110Kb / 8P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240 RENESAS-HD74HC240_15 Datasheet
131Kb / 10P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC244 RENESAS-HD74HC244_15 Datasheet
129Kb / 10P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244_15 Datasheet
122Kb / 9P
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com