Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NES2527B-30 Datasheet (PDF) - NEC

NES2527B-30 Datasheet PDF - NEC
Part # NES2527B-30
Download  NES2527B-30 Download
File Size   37.69 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET

NES2527B-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES2527B-30 Datasheet PDF - NEC

Part # NES2527B-30
Download  NES2527B-30 Click to download

File Size   37.69 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET

NES2527B-30 Datasheet (HTML) - NEC


NES2527B-30 Product details

DESCRIPTION
The NES2527B-30 is power GaAs FET which provides high output power and high gain in the 2.5 - 2.7 GHz band.
Internal input matching circuits are designed to optimize performance. The device has a 0.8 µm gate length for increased linear gain. To reduce thermal resistance, the device uses PHS (Plated Heat Sink) technology.
The device incorporates WSi (tungsten silicide) gate for high reliability and SiO2 glassivation for surface stability.

FEATURES
• High output power
• High gain
• High power added efficiency
• Internally matched input
• High reliability




Similar Part No. - NES2527B-30

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NES2527B-30 RENESAS-NES2527B-30 Datasheet
170Kb / 6P
GaAs MES FET
1997
More results


Similar Description - NES2527B-30

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE650R479A NEC-NE650R479A Datasheet
79Kb / 8P
0.4 W L, S-BAND POWER GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1823P-30 NEC-NES1823P-30 Datasheet
51Kb / 8P
30 W L-S BAND PUSH-PULL POWER GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com