Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV74 Datasheet (PDF) - Hitachi Semiconductor

LV74 Datasheet PDF - Hitachi Semiconductor
Part # LV74
Download  LV74 Download
File Size   66.63 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual D-type Flip Flops with Preset and Clear

LV74 Datasheet (PDF)

Go To PDF Page Download Datasheet
LV74 Datasheet PDF - Hitachi Semiconductor

Part # LV74
Download  LV74 Click to download

File Size   66.63 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual D-type Flip Flops with Preset and Clear

LV74 Datasheet (HTML) - Hitachi Semiconductor


LV74 Product details

Description

The HD74LV74A has independent data, preset, clear, and clock inputs Q and Q outputs in a 14 pin package. The input data is transferred to the output at the rising edge of clock pulse CLK. Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life.



Features

• VCC = 2.0 V to 5.5 V operation

• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)

• All outputs VO (Max.) = 5.5 V (@VCC = 0 V)

• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)

• Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)

• Output current ±6 mA (@VCC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)



 




Similar Part No. - LV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LV74 PHILIPS-LV74 Datasheet
125Kb / 12P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
logo
Texas Instruments
LV74 TI-LV74 Datasheet
137Kb / 7P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
LV74A TI-LV74A Datasheet
444Kb / 16P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Similar Description - LV74

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
Dual D-type Flip-Flops (with Preset and Clear)
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
Dual D-type Flip Flops with Preset and Clear
logo
Renesas Technology Corp
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
Dual D-type Flip Flops with Preset and Clear
HD74LV74A RENESAS-HD74LV74A Datasheet
83Kb / 10P
Dual D-type Flip Flops with Preset and Clear
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
Dual D-type Flip Flops with Preset and Clear
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
Dual D-type Flip-Flops (with Preset and Clear)
HD74HC74 RENESAS-HD74HC74_15 Datasheet
169Kb / 10P
Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
Dual D-type Flip Flops with Preset and Clear
logo
Aeroflex Circuit Techno...
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
Dual D Flip-Flops with Clear & Preset
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
Dual D Flip-Flops with Clear and Preset
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com