Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74UH02 Datasheet (PDF) - Hitachi Semiconductor

HD74UH02 Datasheet PDF - Hitachi Semiconductor
Part # HD74UH02
Download  HD74UH02 Download
File Size   32.97 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 2-input NOR Gate

HD74UH02 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74UH02 Datasheet PDF - Hitachi Semiconductor

Part # HD74UH02
Download  HD74UH02 Click to download

File Size   32.97 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 2-input NOR Gate

HD74UH02 Datasheet (HTML) - Hitachi Semiconductor


HD74UH02 Product details

Description
The HD74UH02 is high speed CMOS two input NOR gate using silicon gate CMOS process. With CMOS low power dissipation, it provides high speed equivalent to LS-TTL series. The internal circuit of three stages construction with buffer provides wide noise margin and stable output.

Features
• Encapsulated in very small 5pins package of 2.9 × 1.6 × 1.1 mm, the efficiency to mount on substrate is significantly improved.
• The basic gate function is lined up as hitachi uni logic series.
• Supplied on embos taping for high speed automatic mounting.
• Electrical characteristics equivalent to the HD74HC02
   Supply voltage range: 2 to 6 V
   Operating temperature range: –40 to +85°C
• | IOH | = IOL = 2 mA (min)




Similar Part No. - HD74UH02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
HD74UH02EL RENESAS-HD74UH02EL Datasheet
142Kb / 7P
2-input NOR Gate
More results


Similar Description - HD74UH02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
2-INPUT NOR GATE
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
2-INPUT NOR GATE
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
2-input NOR gate
Rev. 2 - 12 January 2022
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com