Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6216255HC Datasheet (PDF) - Hitachi Semiconductor

HM6216255HC Datasheet PDF - Hitachi Semiconductor
Part # HM6216255HC
Download  HM6216255HC Download
File Size   95.06 Kbytes
Page   17 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4M High Speed SRAM (256-kword x 16-bit)

HM6216255HC Datasheet (PDF)

Go To PDF Page Download Datasheet
HM6216255HC Datasheet PDF - Hitachi Semiconductor

Part # HM6216255HC
Download  HM6216255HC Click to download

File Size   95.06 Kbytes
Page   17 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4M High Speed SRAM (256-kword x 16-bit)

HM6216255HC Datasheet (HTML) - Hitachi Semiconductor


HM6216255HC Product details

Description
The HM6216255HC Series is a 4-Mbit high speed static RAM organized 256-k word × 16-bit. It has realized high speed access time by employing CMOS process (6-transistor memory cell) and high speed circuit designing technology. It is most appropriate for the application which requires high speed, high density memory and wide bit width configuration, such as cache and buffer memory in system. It is packaged in 400-mil 44-pin plastic SOJ and 400-mil 44-pin plastic TSOPII.

Features
• Single 5.0 Vsupply : 5.0 V ± 10 %
• Access time: 10 ns (max)
• Completely static memory
    - No clock or timing strobe required
• Equal access and cycle times
• Directly TTL compatible
    - All inputs and outputs
• Operating current: 170 mA (max)
• TTL standby current: 40 mA (max)
• CMOS standby current: 5 mA (max) : 1.2 mA (max) (L-version)
• Data retansion current: 0.8 mA (max) (L-version)
• Data retantion voltage: 2 V (min) (L-version)
• Center VCC and VSS type pinout




Similar Part No. - HM6216255HC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6216255H HITACHI-HM6216255H Datasheet
102Kb / 17P
4M high Speed SRAM (256-kword x 16-bit)
HM6216255HI HITACHI-HM6216255HI Datasheet
90Kb / 16P
4M high Speed SRAM (256-kword x 16-bit)
HM6216255HJP-10 HITACHI-HM6216255HJP-10 Datasheet
102Kb / 17P
4M high Speed SRAM (256-kword x 16-bit)
HM6216255HJP-12 HITACHI-HM6216255HJP-12 Datasheet
102Kb / 17P
4M high Speed SRAM (256-kword x 16-bit)
HM6216255HJP-15 HITACHI-HM6216255HJP-15 Datasheet
102Kb / 17P
4M high Speed SRAM (256-kword x 16-bit)
More results


Similar Description - HM6216255HC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6216255H HITACHI-HM6216255H Datasheet
102Kb / 17P
4M high Speed SRAM (256-kword x 16-bit)
HM6216255HI HITACHI-HM6216255HI Datasheet
90Kb / 16P
4M high Speed SRAM (256-kword x 16-bit)
HM62W16255H HITACHI-HM62W16255H Datasheet
101Kb / 17P
4M High Speed SRAM (256-kword x 16-bit)
HM62W16255HC HITACHI-HM62W16255HC Datasheet
92Kb / 18P
4M High Speed SRAM (256-kword x 16-bit)
HM62W16255HI HITACHI-HM62W16255HI Datasheet
92Kb / 16P
4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D Datasheet
100Kb / 15P
4M High Speed SRAM (256-kword X 16-bit)
R1RW0416D RENESAS-R1RW0416D Datasheet
100Kb / 16P
4M High Speed SRAM (256-kword x 16-bit)
R1LV0416D RENESAS-R1LV0416D Datasheet
529Kb / 17P
4M SRAM (256-kword 횞 16-bit)
R1LV0414D RENESAS-R1LV0414D Datasheet
478Kb / 14P
4M SRAM (256-kword 횞 16-bit)
R1RP0416D RENESAS-R1RP0416D_15 Datasheet
124Kb / 17P
4M High Speed SRAM (256-kword 횞 16-bit)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com