Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM628511HC Datasheet (PDF) - Hitachi Semiconductor

HM628511HC Datasheet PDF - Hitachi Semiconductor
Part # HM628511HC
Download  HM628511HC Download
File Size   69.39 Kbytes
Page   14 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4M High Speed SRAM (512-kword x 8-bit)

HM628511HC Datasheet (PDF)

Go To PDF Page Download Datasheet
HM628511HC Datasheet PDF - Hitachi Semiconductor

Part # HM628511HC
Download  HM628511HC Click to download

File Size   69.39 Kbytes
Page   14 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4M High Speed SRAM (512-kword x 8-bit)

HM628511HC Datasheet (HTML) - Hitachi Semiconductor


HM628511HC Product details

Description
The HM628511HC Series is a 4-Mbit high speed static RAM organized 512-k word × 8-bit. It has realized high speed access time by employing CMOS process (6-transistor memory cell)and high speed circuit designing technology. It is most appropriate for the application which requires high speed, high density memory and wide bit width configuration, such as cache and buffer memory in system. It is packaged in 400-mil 36-pin plastic SOJ.

Features
• Single 5.0 V supply: 5.0 V ± 10 %
• Access time: 10 ns (max)
• Completely static memory
- No clock or timing strobe required
• Equal access and cycle times
• Directly TTL compatible
- All inputs and outputs
• Operating current: 140 mA (max)
• TTL standby current: 40 mA (max)
• CMOS standby current : 5 mA (max) : 1.2 mA (max) (L-version)
• Data retension current: 0.8 mA (max) (L-version)
• Data retension voltage: 2 V (min) (L-version)
• Center VCC and VSS type pinout




Similar Part No. - HM628511HC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM628511HCI RENESAS-HM628511HCI Datasheet
174Kb / 14P
Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
HM628511HCJPI-12 RENESAS-HM628511HCJPI-12 Datasheet
174Kb / 14P
Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
More results


Similar Description - HM628511HC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628511H HITACHI-HM628511H Datasheet
75Kb / 13P
4M High Speed SRAM (512-kword x 8-bit)
HM628511HI HITACHI-HM628511HI Datasheet
64Kb / 13P
4M High Speed SRAM (512-kword x 8-bit)
HM62W8511H HITACHI-HM62W8511H Datasheet
74Kb / 13P
4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HC HITACHI-HM62W8511HC Datasheet
66Kb / 14P
4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HI HITACHI-HM62W8511HI Datasheet
63Kb / 13P
4M High Speed SRAM (512-kword x 8-bit)
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
4M SRAM (512 KWORD X 8 BIT)
logo
Renesas Technology Corp
R1RW0408D RENESAS-R1RW0408D Datasheet
86Kb / 14P
4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HC RENESAS-HM62W8511HC Datasheet
171Kb / 16P
4M High Speed SRAM (512-kword x 8-bit)
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
4M SRAM (512-kword X 8-bit)
R1RP0408DI RENESAS-R1RP0408DI_15 Datasheet
102Kb / 14P
R1RP0408DI_15 4M High Speed SRAM (512-kword 횞 8-bit)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com