Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62V16256CI Datasheet (PDF) - Hitachi Semiconductor

HM62V16256CI Datasheet PDF - Hitachi Semiconductor
Part # HM62V16256CI
Download  HM62V16256CI Download
File Size   77.88 Kbytes
Page   18 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Wide Temperature Range Version4 M SRAM (256-kword x 16-bit)

HM62V16256CI Datasheet (PDF)

Go To PDF Page Download Datasheet
HM62V16256CI Datasheet PDF - Hitachi Semiconductor

Part # HM62V16256CI
Download  HM62V16256CI Click to download

File Size   77.88 Kbytes
Page   18 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Wide Temperature Range Version4 M SRAM (256-kword x 16-bit)

HM62V16256CI Datasheet (HTML) - Hitachi Semiconductor


HM62V16256CI Product details

Description
The Hitachi HM62V16256CI Series is 4-Mbit static RAM organized 262,144-word × 16-bit. HM62V16256CI Series has realized higher density, higher performance and low power consumption by employing CMOS process technology (6-transistor memory cell). It offers low power standby power dissipation; therefore, it is suitable for battery backup systems. It is packaged in standard 44-pin plastic TSOPII.

Features
• Single 2.5 V and 3.0 V supply: 2.2 V to 3.6 V
• Fast access time: 70 ns (max)
• Power dissipation:
    - Active: 5.0 mW/MHz (typ)(VCC = 2.5 V)
                : 6.0 mW/MHz (typ) (VCC = 3.0 V)
    - Standby: 2 µW (typ) (VCC = 2.5 V)
                   : 2.4 µW (typ) (VCC = 3.0 V)
• Completely static memory.
    - No clock or timing strobe required
• Equal access and cycle times
• Common data input and output.
    - Three state output
• Battery backup operation.
    - 2 chip selection for battery backup
• Temperature range: –40 to +85°C




Similar Part No. - HM62V16256CI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62V16256CI RENESAS-HM62V16256CI Datasheet
100Kb / 20P
Wide Temperature Range Version 4 M SRAM (256-kword 쨈 16-bit)
More results


Similar Description - HM62V16256CI

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
4 M SRAM (256-kword x 16-bit)
HM62V8512CI HITACHI-HM62V8512CI Datasheet
57Kb / 13P
Wide Temperature Range Version4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM6216514I RENESAS-HM6216514I Datasheet
98Kb / 18P
Wide Temperature Range Version 8 M SRAM (512-kword x 16-bit)
HM62V16514I RENESAS-HM62V16514I Datasheet
97Kb / 19P
Wide Temperature Range Version 8 M SRAM (512-kword x 16-bit)
HM62V16512I RENESAS-HM62V16512I Datasheet
97Kb / 19P
WIDE TEMPERATURE RANGE VERSION 8 M SRAM (512-KWORD X 16-BIT)
R1LV0416CBG-I RENESAS-R1LV0416CBG-I Datasheet
146Kb / 16P
Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416C-I RENESAS-R1LV0416C-I Datasheet
116Kb / 18P
Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0414C-I RENESAS-R1LV0414C-I Datasheet
113Kb / 13P
Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
HM62V16256CI RENESAS-HM62V16256CI Datasheet
100Kb / 20P
Wide Temperature Range Version 4 M SRAM (256-kword 쨈 16-bit)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com