Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58V66AFP-10 Datasheet (PDF) - Hitachi Semiconductor

HN58V66AFP-10 Datasheet PDF - Hitachi Semiconductor
Part # HN58V66AFP-10
Download  HN58V66AFP-10 Download
File Size   127.73 Kbytes
Page   27 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)

HN58V66AFP-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
HN58V66AFP-10 Datasheet PDF - Hitachi Semiconductor

Part # HN58V66AFP-10
Download  HN58V66AFP-10 Click to download

File Size   127.73 Kbytes
Page   27 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)

HN58V66AFP-10 Datasheet (HTML) - Hitachi Semiconductor


HN58V66AFP-10 Product details

Description
The Hitachi HN58V65A series and HN58V66A series are a electrically erasable and programmable EEPROM’s organized as 8192-word × 8-bit. They have realized high speed, low power consumption and high relisbility by employing advanced MNOS memory technology and CMOS process and circuitry technology. They also have a 64-byte page programming function to make their write operations faster.

Features
• Single supply: 2.7 to 5.5 V
• Access time:
    - 100 ns (max) at 2.7 V ≤ VCC < 4.5 V
    - 70 ns (max) at 4.5 V ≤ VCC ≤ 5.5 V
• Power dissipation:
    - Active: 20 mW/MHz (typ)
    - Standby: 110 µW (max)
• On-chip latches: address, data, CE, OE, WE
• Automatic byte write: 10 ms (max)
• Automatic page write (64 bytes): 10 ms (max)
• Ready/Busy
• Data polling and Toggle bit
• Data protection circuit on power on/off
• Conforms to JEDEC byte-wide standard
• Reliable CMOS with MNOS cell technology
• 105 erase/write cycles (in page mode)
• 10 years data retention
• Software data protection
• Write protection by RES pin (only the HN58V66A series)
• Industrial versions (Temperatur range: –20 to 85˚C and –40 to 85˚C) are also available.




Similar Part No. - HN58V66AFP-10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V66AFP-10 RENESAS-HN58V66AFP-10 Datasheet
256Kb / 28P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V66AFP-10E RENESAS-HN58V66AFP-10E Datasheet
256Kb / 28P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
More results


Similar Description - HN58V66AFP-10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
64 k EEPROM (8-kword x 8-bit) Ready/Busy function
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
logo
Renesas Technology Corp
HN58V65AI RENESAS-HN58V65AI Datasheet
225Kb / 28P
64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com