Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4682 Datasheet (PDF) - Micro Commercial Components

MMSZ4682 Datasheet PDF - Micro Commercial Components
Part # MMSZ4682
Download  MMSZ4682 Download
File Size   346.04 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500mW Silicon Zener Diodes

MMSZ4682 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ4682 Datasheet PDF - Micro Commercial Components

Part # MMSZ4682
Download  MMSZ4682 Click to download

File Size   346.04 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500mW Silicon Zener Diodes

MMSZ4682 Datasheet (HTML) - Micro Commercial Components


MMSZ4682 Product details

Features
• Zener Voltage 1.8V-39V
• Very Sharp Reverse Characteristic
• VZ – tolerance ± 5%
• High Reliability
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Similar Part No. - MMSZ4682

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4682 GE-MMSZ4682 Datasheet
40Kb / 2P
ZENER DIODES
logo
EIC discrete Semiconduc...
MMSZ4682 EIC-MMSZ4682 Datasheet
118Kb / 4P
ZENER DIODES
logo
TAITRON Components Inco...
MMSZ4682 TAITRON-MMSZ4682 Datasheet
156Kb / 6P
500mW Two Terminals SMD Zener Diodes
logo
Rectron Semiconductor
MMSZ4682 RECTRON-MMSZ4682 Datasheet
373Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
logo
Shenzhen Luguang Electr...
MMSZ4682 LUGUANG-MMSZ4682 Datasheet
421Kb / 3P
Zener Diodes
More results


null - MMSZ4682

nullnullnullnull
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
500mW SILICON ZENER DIODES
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
500mW Silicon Zener Diodes
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
500mW SILICON ZENER DIODES
logo
Micro Commercial Compon...
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4_11 Datasheet
392Kb / 7P
500mW Silicon Zener Diodes
More results



null