Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R05A-1 Datasheet (PDF) - Holtek Semiconductor Inc

HT48R05A-1 Datasheet PDF - Holtek Semiconductor Inc
Part # HT48R05A-1
Download  HT48R05A-1 Download
File Size   294.45 Kbytes
Page   44 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit OTP Microcontroller

HT48R05A-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48R05A-1 Datasheet PDF - Holtek Semiconductor Inc

Part # HT48R05A-1
Download  HT48R05A-1 Click to download

File Size   294.45 Kbytes
Page   44 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit OTP Microcontroller

HT48R05A-1 Datasheet (HTML) - Holtek Semiconductor Inc


HT48R05A-1 Product details

General Description
The HT48R05A-1/HT48C05 and HT48R06A-1/HT48C06 are 8-bit high performance, RISC architecture microcontroller devices specifically designed for cost-effective multiple I/O control product applications. The mask version HT48C05 and HT48C06 are fully pin and functionally compatible with the OTP version HT48R05A-1 and HT48R06A-1 devices.

Features
• Operating voltage:
   fSYS=4MHz: 2.2V~5.5V
   fSYS=8MHz: 3.3V~5.5V
• 13 bidirectional I/O lines
• An interrupt input shared with an I/O line
• 8-bit programmable timer/event counter with over-flow interrupt and 8-stage prescaler
• On-chip crystal and RC oscillator
• Watchdog Timer
• Program memory ROM:
   512x14 for HT48R05A-1/HT48C05
   1024x14 for HT48R06A-1/HT48C06
• Data memory RAM
   328 for HT48R05A-1/HT48C05
   648 for HT48R06A-1/HT48C06
• Buzzer driving pair and PFD supported
• HALT function and wake-up feature reduce power consumption
• Up to 0.5μs instruction cycle with 8MHz system clock at VDD=5V
• All instructions in one or two machine cycles
• 14-bit table read instruction
• Two-level subroutine nesting
• Bit manipulation instruction
• Powerful instructions:
   62 for HT48R05A-1/HT48C05
   63 for HT48R06A-1/HT48C06
• Low voltage reset function
• 16-pin SSOP package
   18-pin DIP/SOP package




Similar Part No. - HT48R05A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R05A-1 HOLTEK-HT48R05A-1 Datasheet
264Kb / 38P
Cost-Effective I/O Type 8-Bit MCU
June 9, 2004
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
Cost-Effective I/O Type 8-Bit MCU
More results


Similar Description - HT48R05A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R06A-1 HOLTEK-HT48R06A-1 Datasheet
319Kb / 44P
8-Bit OTP Microcontroller
February 25, 2000
HT46R23 HOLTEK-HT46R23 Datasheet
1Mb / 42P
8-Bit OTP Microcontroller
August 17, 2001
logo
Feeling Technology Corp...
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE53B FEELING-FM8PE53B Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
OTP-Based 8-Bit Microcontroller
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P569A EMC-EM78P569A Datasheet
812Kb / 76P
8-Bit OTP Microcontroller
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com