Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1273AS-H-150M Datasheet (PDF) - TOKO, Inc

1273AS-H-150M Datasheet PDF - TOKO, Inc
Part # 1273AS-H-150M
Download  1273AS-H-150M Download
File Size   124.32 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.

1273AS-H-150M Datasheet (PDF)

Go To PDF Page Download Datasheet
1273AS-H-150M Datasheet PDF - TOKO, Inc

Part # 1273AS-H-150M
Download  1273AS-H-150M Click to download

File Size   124.32 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.

1273AS-H-150M Datasheet (HTML) - TOKO, Inc




Similar Part No. - 1273AS-H-150M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1273AS-H-150M TOKO-1273AS-H-150M Datasheet
280Kb / 1P
Ferrite Inductors
logo
Murata Manufacturing Co...
1273AS-H-150M MURATA-1273AS-H-150M Datasheet
740Kb / 2P
Inductor
More results


Similar Description - 1273AS-H-150M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAS19D17C SUMIDA-CAS19D17C Datasheet
31Kb / 1P
19.0횞5.3mm Max.(L횞W),1.9mm Max. Height
BM8290 SUMIDA-BM8290 Datasheet
208Kb / 1P
9.25횞8.05mm Max.(L횞W),8.85mm Max. Height.
CDH20D10 SUMIDA-CDH20D10_10 Datasheet
434Kb / 4P
Small size inductor 2.2mm Max square and 1.1mm Max height
logo
Shenzhen Luguang Electr...
FT-12N-65ME LUGUANG-FT-12N-65ME Datasheet
181Kb / 1P
30Vp-p Square Wave MAX.
FT-12T-66ME LUGUANG-FT-12T-66ME Datasheet
155Kb / 1P
30Vp-p Square Wave MAX.
GSK-2320TE-LZ105 LUGUANG-GSK-2320TE-LZ105 Datasheet
96Kb / 1P
30Vp-p max. square Wave
logo
List of Unclassifed Man...
PCMB104T ETC2-PCMB104T Datasheet
627Kb / 1P
Low profile (3.0 mm max) and small size (7.3mm x 6.6mm)
logo
TOKO, Inc
DEM3512C TOKO-DEM3512C Datasheet
110Kb / 2P
Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
DEM10050C TOKO-DEM10050C Datasheet
107Kb / 1P
10.3 x 10.3mm Max. square, 5.0mm Max. height.
DG6045C TOKO-DG6045C Datasheet
88Kb / 1P
Low Profile (H 4.5mm Max).
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com