Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP16XX Datasheet (PDF) - Agilent(Hewlett-Packard)

HLMP16XX Datasheet PDF - Agilent(Hewlett-Packard)
Part # HLMP16XX
Download  HLMP16XX Download
File Size   157.25 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps

HLMP16XX Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP16XX Datasheet PDF - Agilent(Hewlett-Packard)

Part # HLMP16XX
Download  HLMP16XX Click to download

File Size   157.25 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps

HLMP16XX Datasheet (HTML) - Agilent(Hewlett-Packard)


HLMP16XX Product details

Description
The 5 volt and 12 volt series lamps contain an integral current limiting resistor in series with the LED. This allows the lamp to be driven from a 5 volt/12 volt source without an external current limiter. The red LEDs are made from GaAsP on a GaAs substrate. The High Efficiency Red and Yellow devices use GaAsP on a GaP substrate.

Features
• Integral Current Limiting Resistor
• TTL Compatible
   Requires no External Current
   Limiter with 5 Volt/12 Volt Supply
• Cost Effective
   Saves Space and Resistor Cost
• Wide Viewing Angle
• Available in All Colors
   Red, High Efficiency Red,
   Yellow, and High Performance
   Green in T-1 and
   T-13/4 Packages




Similar Part No. - HLMP16XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLMP1301 ETC2-HLMP1301 Datasheet
206Kb / 2P
STANDARD LED, ROUND LENS, 3MM (T1), RED EMILTTING COLOR
logo
Fairchild Semiconductor
HLMP1302 FAIRCHILD-HLMP1302 Datasheet
266Kb / 4P
DIFFUSED T-100 SOLID STATE LAMPS
logo
Multicomp Pro
HLMP1302 MULTICOMP-HLMP1302 Datasheet
211Kb / 2P
Standard LED, Round Lens, 3mm (T1), Red Emitting Color
6/19/06 REV A
logo
Chicago Miniature Lamp,...
HLMP1340 CML-HLMP1340 Datasheet
70Kb / 1P
T-100 (T-1) Non-Diffused Lens LED Lamps
HLMP1440 CML-HLMP1440 Datasheet
70Kb / 1P
T-100 (T-1) Non-Diffused Lens LED Lamps
More results


Similar Description - HLMP16XX

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
MR5060 QT-MR5060 Datasheet
261Kb / 3P
INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600_07 Datasheet
141Kb / 9P
T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1600 AVAGO-HLMP-1600 Datasheet
202Kb / 8P
T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com