Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVA-05208 Datasheet (PDF) - Agilent(Hewlett-Packard)

IVA-05208 Datasheet PDF - Agilent(Hewlett-Packard)
Part # IVA-05208
Download  IVA-05208 Download
File Size   65.48 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier

IVA-05208 Datasheet (PDF)

Go To PDF Page Download Datasheet
IVA-05208 Datasheet PDF - Agilent(Hewlett-Packard)

Part # IVA-05208
Download  IVA-05208 Click to download

File Size   65.48 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier

IVA-05208 Datasheet (HTML) - Agilent(Hewlett-Packard)


IVA-05208 Product details

Description
The IVA-05208 is a variable gain amplifier housed in a miniature low cost plastic surface mount package. This device can be used in any combination of singleended or differential inputs or outputs (see Functional Block Diagram). The lowest frequency of operation is limited only by the values of user selected blocking and bypass capacitors.

Features
• Differential Input and Output Capability
• DC to 1.5 GHz Bandwidth; 2.0 Gb/s Data Rates
• High Gain: 30 dB Typical
• Wide Gain Control Range: 30 dB Typical
• 5 V Bias
• 5 V Vgc Control Voltage, Igc < 3 mA
• Fast Gain Control Response: < 10 ns Typical
• Low Cost Plastic Surface Mount Package




Similar Part No. - IVA-05208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
More results


Similar Description - IVA-05208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
MMIC variable gain amplifier
1999 Jul 23
logo
Agilent(Hewlett-Packard...
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
IVA-14208 HP-IVA-14208 Datasheet
113Kb / 7P
Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier
MSA-2743 HP-MSA-2743 Datasheet
204Kb / 17P
Cascadable Silicon Bipolar Gain Block MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0836 AVAGO-MSA-0836 Datasheet
376Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier Usable Gain to 6.0 GHz
logo
TriQuint Semiconductor
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
1.5-2.7 GHz W Digital Variable Gain Amplifier
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com