Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE1160 Datasheet (PDF) - Vishay Siliconix

TE1160 Datasheet PDF - Vishay Siliconix
Part # TE1160
Download  TE1160 Download
File Size   77.72 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors Little-Lytic Electrolytics

TE1160 Datasheet (PDF)

Go To PDF Page Download Datasheet
TE1160 Datasheet PDF - Vishay Siliconix

Part # TE1160
Download  TE1160 Click to download

File Size   77.72 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors Little-Lytic Electrolytics

TE1160 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - TE1160

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
TE1 KNIGHTSBRIDGE-TE1 Datasheet
153Kb / 1P
FUNCTION CAT III 690V / CAT IV 600V, 12-690V AC/DC, LCD and LED Display
27/03/2024
logo
SL Power Electronics
TE10 SLPOWER-TE10 Datasheet
739Kb / 4P
10W-12W Single Output External Power
logo
3M Electronics
TE100 3M-TE100 Datasheet
26Kb / 6P
Scotch-Weld Pipe Sealant PS77 Polyurethane Reactive Adhesives
logo
List of Unclassifed Man...
TE100-DFXM ETC-TE100-DFXM Datasheet
216Kb / 2P
24-port 10/100Mbps Dual Speed SNMP Stackable Master Hub
TE100-DM24 ETC-TE100-DM24 Datasheet
216Kb / 2P
24-port 10/100Mbps Dual Speed SNMP Stackable Master Hub
More results


Similar Description - TE1160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
630D VISHAY-630D Datasheet
87Kb / 1P
Aluminum Capacitors Electrolytics
17-Feb-03
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
Aluminum Capacitors Aluminum Capacitors
18-Aug-08
39D VISHAY-39D Datasheet
88Kb / 8P
Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
20-Mar-13
TE VISHAY-TE_12 Datasheet
76Kb / 5P
Aluminum Capacitors Little-Lytic Electrolytics
28-Aug-12
39D408G025JS6 VISHAY-39D408G025JS6 Datasheet
105Kb / 9P
Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
17-Nov-06
TE1207 VISHAY-TE1207 Datasheet
76Kb / 5P
Aluminum Capacitors Little-Lytic Electrolytics
28-Aug-12
TE VISHAY-TE Datasheet
76Kb / 5P
Aluminum Capacitors Little-Lytic Electrolytics
28-Aug-12
TE1305 VISHAY-TE1305 Datasheet
77Kb / 5P
Aluminum Capacitors Little-Lytic Electrolytics
06-Dec-13
TE1211 VISHAY-TE1211 Datasheet
77Kb / 5P
Aluminum Capacitors Little-Lytic Electrolytics
06-Dec-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMR71AAAC-GS08 TO-GRACE-VLMR71AAAC-GS08 Datasheet
797Kb / 7P
Little Star 1 W Power SMD LED
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com