Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7200A-1A Datasheet (PDF) - NEC

PS7200A-1A Datasheet PDF - NEC
Part # PS7200A-1A
Download  PS7200A-1A Download
File Size   78.86 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET

PS7200A-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7200A-1A Datasheet PDF - NEC

Part # PS7200A-1A
Download  PS7200A-1A Click to download

File Size   78.86 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET

PS7200A-1A Datasheet (HTML) - NEC


PS7200A-1A Product details

DESCRIPTION
The PS7200A-1A is a low output capacitance solid state relay containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
It is suitable for high-frequency signal control, due to its low C × R, low output capacitance, and low off-state leakage current.

FEATURES
• Low C × R (C × R = 30 pF • Ω)
• Low output capacitance (Cout = 3.0 pF TYP.)
• Low off-state leakage current (ILoff = 0.1 nA TYP.)
• High-speed turn-on time (ton = 0.01 ms TYP.)
• 1 channel type (1 a output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small and thin package (4-pin SOP, Height = 2.1 mm)
• Low offset voltage
• Ordering number of taping product: PS7200A-1A-E3, E4, F3, F4
• UL approved: File No. E72422 (S)
• BSI approved: No. 8241/8242
• CSA approved: No. CA 101391

APPLICATIONS
• Measurement equipment




Similar Part No. - PS7200A-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200A-1A NEC-PS7200A-1A Datasheet
67Kb / 7P
4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7200A-1A CEL-PS7200A-1A Datasheet
202Kb / 13P
4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200A-1A RENESAS-PS7200A-1A Datasheet
317Kb / 15P
4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7200A-1A-A CEL-PS7200A-1A-A Datasheet
202Kb / 13P
4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7200A-1A-E3 NEC-PS7200A-1A-E3 Datasheet
67Kb / 7P
4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
More results


Similar Description - PS7200A-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200R NEC-PS7200R Datasheet
147Kb / 7P
NECs 4 PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOSFET
PS7200A-1A NEC-PS7200A-1A_01 Datasheet
67Kb / 7P
4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200A-1A CEL-PS7200A-1A Datasheet
202Kb / 13P
4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7901D-1A CEL-PS7901D-1A Datasheet
503Kb / 8P
4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
PS7802-1A CEL-PS7802-1A Datasheet
342Kb / 14P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200A-1A RENESAS-PS7200A-1A Datasheet
317Kb / 15P
4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200J-1A RENESAS-PS7200J-1A Datasheet
224Kb / 14P
4-PIN SOP 1.7 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200R-1A RENESAS-PS7200R-1A Datasheet
261Kb / 15P
4-PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com