Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7241S-1A Datasheet (PDF) - NEC

PS7241S-1A Datasheet PDF - NEC
Part # PS7241S-1A
Download  PS7241S-1A Download
File Size   36.92 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description CURRENT LIMIT TYPE 4-PIN SOP 400 V OCMOS FET 1-ch OCMOS FET

PS7241S-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7241S-1A Datasheet PDF - NEC

Part # PS7241S-1A
Download  PS7241S-1A Click to download

File Size   36.92 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description CURRENT LIMIT TYPE 4-PIN SOP 400 V OCMOS FET 1-ch OCMOS FET

PS7241S-1A Datasheet (HTML) - NEC


PS7241S-1A Product details

DESCRIPTION
The PS7241S-1A is a solid state relay containing GaAs LEDs on the light emitting side (input side) and MOS FETs including current control circuit on the output side. Current control circuit of OCMOS FET protects this device from thermal breakdown and output circuit.
It is suitable for analog signal control because of its low offset and high linearity.

FEATURES
• Shut down type circuit
• Limit current (ILMT = 155 to 210 mA)
• Small and thin package (4-pin SOP, Height = 2.1 mm)
• 1 channel type (1 a output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Low offset voltage
• Ordering number of taping product: PS7241S-1A-E3, E4, F3, F4
• UL approved: File No. E72422 (S)

APPLICATIONS
• Note PC, PDA
• Modem card
• Telephone, FAX
• Measurement equipment




Similar Part No. - PS7241S-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241-1A CEL-PS7241-1A Datasheet
349Kb / 12P
4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7241-1A-A CEL-PS7241-1A-A Datasheet
349Kb / 12P
4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7241-1A-E3 CEL-PS7241-1A-E3 Datasheet
349Kb / 12P
4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7241-1A-E3-A CEL-PS7241-1A-E3-A Datasheet
349Kb / 12P
4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7241-1A-E4 CEL-PS7241-1A-E4 Datasheet
349Kb / 12P
4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
More results


Similar Description - PS7241S-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7341-1B NEC-PS7341-1B Datasheet
68Kb / 12P
HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET 1-ch OCMOS FET
PS7241C-1A NEC-PS7241C-1A Datasheet
31Kb / 2P
CURRENT LIMIT TYPE 4 PIN SOP 400 V 1-CH OCMOS FET
logo
California Eastern Labs
PS7241C-1A CEL-PS7241C-1A Datasheet
34Kb / 2P
CURRENT LIMIT TYPE 4 PIN SOP 400 V 1-CH OCMOS FET
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
Solid State Relay OCMOS FET
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
Solid State Relay OCMOS FET
PS7341-1B CEL-PS7341-1B Datasheet
358Kb / 11P
HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET (1-ch OCMOS FET)
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
Solid State Relay OCMOS FET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com