Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP491 Datasheet (PDF) - Exar Corporation

SP491 Datasheet PDF - Exar Corporation
Part # SP491
Download  SP491 Download
File Size   453.59 Kbytes
Page   11 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Full Duplex RS-485 Transceivers

SP491 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP491 Datasheet PDF - Exar Corporation

Part # SP491
Download  SP491 Click to download

File Size   453.59 Kbytes
Page   11 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Full Duplex RS-485 Transceivers

SP491 Datasheet (HTML) - Exar Corporation


SP491 Product details

DESCRIPTION
The SP490 is a low power differential line driver/receiver meeting RS-485 and RS-422 standards up to 5Mbps. The SP491 is identical to the SP490with the addition of driver and receiver tri-state enable lines. Both products feature ±200mV receiver input sensitivity, over wide common mode range. The SP490 is available in 8-pin plastic DIP and 8-pin NSOIC packages for operation over the commercial and industrial temperature ranges. The SP491 is available in 4-pin DIP and 4-pin NSOIC packages for operation over the commercial and industrial temperature ranges.

FEATURES
•  +5V Only
•  Low Power BiCMOS
•  Driver/Receiver Enable (SP49)
•  RS-485 and RS-422 Drivers/Receivers
•  Pin Compatible with LTC490 and SN7579 (SP490)
•  Pin Compatible with LTC491 and SN7580 (SP49)




Similar Part No. - SP491

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP491 SIPEX-SP491 Datasheet
83Kb / 12P
Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491 EXAR-SP491 Datasheet
552Kb / 12P
Full Duplex RS-485 Transceivers
logo
Zarlink Semiconductor I...
SP4916 ZARLINK-SP4916 Datasheet
220Kb / 5P
2쨌5GHz /4512 PRESCALER
SP4916NA ZARLINK-SP4916NA Datasheet
220Kb / 5P
2쨌5GHz /4512 PRESCALER
SP4916NADP ZARLINK-SP4916NADP Datasheet
220Kb / 5P
2쨌5GHz /4512 PRESCALER
More results


Similar Description - SP491

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
Full Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com