Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM71V17403C Datasheet (PDF) - Hynix Semiconductor

GM71V17403C Datasheet PDF - Hynix Semiconductor
Part # GM71V17403C
Download  GM71V17403C Download
File Size   99.41 Kbytes
Page   10 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM

GM71V17403C Datasheet (PDF)

Go To PDF Page Download Datasheet
GM71V17403C Datasheet PDF - Hynix Semiconductor

Part # GM71V17403C
Download  GM71V17403C Click to download

File Size   99.41 Kbytes
Page   10 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM

GM71V17403C Datasheet (HTML) - Hynix Semiconductor


GM71V17403C Product details

Description

The GM71V(S)17403C/CL is the new generation dynamic RAM organized 4,194,304 words x 4 bit. GM71V(S)17403C/CL has realized higher density, higher performance and various functions by utilizing advanced CMOS process technology. The GM71V(S)17403C/CL offers Extended Data Out (EDO) Page Mode as a high speed access mode. Multiplexed address inputs permit the GM71V(S)17403C/CL to be packaged in a standard 300 mil 24(26) pin SOJ, and a standard 300 mil 24(26) pin plastic TSOP II. The package size provides high system bit densities and is compatible with widely available automated testing and insertion equipment. System oriented features include single power supply 3.3V +/- 0.3V tolerance, direct interfacing capability with high performance logic families such as Schottky TTL.



Features

* 4,194,304 Words x 4 Bit Organization

* Extended Data Out Mode Capability

* Single Power Supply (3.3V +/- 0.3V)

* Fast Access Time & Cycle Time



* Low Power

   Active : 432/369/360mW (MAX)

   Standby : 7.2mW (CMOS level : MAX)

               : 0.36mW (L-version : MAX)

* RAS Only Refresh, CAS before RAS Refresh, Hidden Refresh Capability

* All inputs and outputs TTL Compatible

* 2048 Refresh Cycles/32ms

* 2048 Refresh Cycles/128ms (L-version)

* Self Refresh Operation (L-version)

* Battery Backup Operation (L-version)

* Test Function : 16bit parallel test mode



 




Similar Part No. - GM71V17403C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71V18163C-5 HYNIX-GM71V18163C-5 Datasheet
113Kb / 11P
1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71V18163C-6 HYNIX-GM71V18163C-6 Datasheet
113Kb / 11P
1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71V18163C-7 HYNIX-GM71V18163C-7 Datasheet
113Kb / 11P
1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71V18163CL-5 HYNIX-GM71V18163CL-5 Datasheet
113Kb / 11P
1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
More results


Similar Description - GM71V17403C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THM94000S TOSHIBA-THM94000S Datasheet
396Kb / 16P
4,194,304 WORDS x 9 BIT DYNAMIC RAM MODULE
logo
Vanguard International ...
VG26VS17400E VML-VG26VS17400E Datasheet
209Kb / 25P
4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
4,194,304 x 4 - Bit CMOS Dynamic RAM
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Hynix Semiconductor
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
4,194,304 WORD X 4 BIT DYNAMIC RAM
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com