Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR-9CAM-2M Datasheet (PDF) - Extech Instruments Corporation.

BR-9CAM-2M Datasheet PDF - Extech Instruments Corporation.
Part # BR-9CAM-2M
Download  BR-9CAM-2M Download
File Size   196.19 Kbytes
Page   2 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description Borescope Probe For use with the BR200 / BR250 Borescope only

BR-9CAM-2M Datasheet (PDF)

Go To PDF Page Download Datasheet
BR-9CAM-2M Datasheet PDF - Extech Instruments Corporation.

Part # BR-9CAM-2M
Download  BR-9CAM-2M Click to download

File Size   196.19 Kbytes
Page   2 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description Borescope Probe For use with the BR200 / BR250 Borescope only

BR-9CAM-2M Datasheet (HTML) - Extech Instruments Corporation.


BR-9CAM-2M Product details

17mm camera diameter and 2.4" Color TFT LCD Monitor with video output for viewing on any monitor with a video input jack

Features:
• 17mm diameter camera head with 39" (1m) flexible gooseneck cable retains configured shape
• Mini water-proof (IP67) camera head for high resolution viewing
• Two bright LED lamps with dimmer to illuminate viewed object
• Glare-free close-up field of view
• Display detaches for easy storage
• Optional BR200-EXT extension cable available for increasing viewing depth; 19mm diameter connector and 37" (0.95m) cable length; maximum 2 extension cables can be connected to the borescope
• Complete with 4 AA batteries, extension tools (mirror, hook, magnet), video output jack, and hard case

Applications:
• Home inspection: Inspect in walls for mold, insect infestation, electrical wire or water pipe location
• HVAC: Inspect inside ducts, behind motors and compressors
• Automotive: View inside or around engines and transmissions
• Government: Safety and security inspections
• Industrial: Inspect weld integrity, process equipment, gears, molding machines
• Aerospace: Aircraft inspections for contamination, debris, cracks or other damage




Similar Part No. - BR-9CAM-2M

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
BR-9CAM EXTECH-BR-9CAM Datasheet
196Kb / 2P
Borescope Probe For use with the BR200 / BR250 Borescope only
More results


Similar Description - BR-9CAM-2M

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
BR146 EXTECH-BR146 Datasheet
156Kb / 4P
Flexible Borescope
BR-4CAM EXTECH-BR-4CAM Datasheet
192Kb / 2P
Borescope Probe For use with the BR200 and BR250 Borescopes only
BR-5CAM EXTECH-BR-5CAM Datasheet
169Kb / 2P
Borescope Probe For use with the BR200 / BR250 Borescope only
BR-9CAM EXTECH-BR-9CAM Datasheet
196Kb / 2P
Borescope Probe For use with the BR200 / BR250 Borescope only
BR-17CAM-2M EXTECH-BR-17CAM-2M Datasheet
195Kb / 2P
Camera Probe For use with the BR200 / BR250 Borescope only
BR-17CAM-5M EXTECH-BR-17CAM-5M Datasheet
195Kb / 2P
Camera Probe For use with the BR200 / BR250 Borescope only
BR70 EXTECH-BR70 Datasheet
160Kb / 1P
Video Borescope Inspection Camera
BR300 EXTECH-BR300 Datasheet
594Kb / 1P
Waterproof Borescope/Inspection Cameras
BR350 EXTECH-BR350 Datasheet
594Kb / 1P
Waterproof Borescope/Inspection Cameras
BR150 EXTECH-BR150 Datasheet
238Kb / 1P
Video Borescope Inspection Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com