Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1442 Datasheet (PDF) - Integrated Circuit Systems

MK1442 Datasheet PDF - Integrated Circuit Systems
Part # MK1442
Download  MK1442 Download
File Size   67.56 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description SCSI and Ethernet Clock Source

MK1442 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1442 Datasheet PDF - Integrated Circuit Systems

Part # MK1442
Download  MK1442 Click to download

File Size   67.56 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description SCSI and Ethernet Clock Source

MK1442 Datasheet (HTML) - Integrated Circuit Systems


MK1442 Product details

Description
The MK1442/3 are the ideal way to generate clocks for desktop computer motherboards and LAN workstations. Using analog Phase-Locked Loop (PLL) techniques, the devices accept a 14.318 MHz crystal input to produce multiple output clocks up to 100 MHz. They provide 2XCPU, CPU, floppy controller, keyboard, system, SCSI and Ethernet clocks. The MK1442/3 are perfect for new Pentium™ Processor, PCI bus and 486 systems. The devices can operate at 5V or 3.3V up to and including 80MHz on the CPU clock.

Features
• Provides exact frequency Ethernet and SCSI clocks
• 5V or 3.3V (up to 80MHz) operation
• Output clock frequencies up to 100 MHz
• Pentium™ Processor compatible timing
• 486 compatible smooth frequency transitions
• Seven or eight output clocks
• Compatible with X86 and 680X0 CPUs
• Skew controlled 2X and 1X CPU to within 250ps
• Packaged in 16 pin skinny SOIC or PDIP
• Duty cycle of 47.5/52.5 up to 66.66 MHz
• Duty cycle of 45/55 up to 100 MHz
• Total of 15 different selectable CPU frequencies
• Tri-state outputs for board level testing
• 25mA drive capability at TTL levels
• Keyboard frequencies of 12MHz (-01), 8MHz (-02), or 16MHz (-03)
• Advanced, low power CMOS process
• MK1442 - output enable
• MK1443 - two 14.318 MHz outputs




Similar Part No. - MK1442

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1449B ICST-MK1449B Datasheet
60Kb / 4P
Sound/SCSIFast Ethernet Clock
Revision 120799
MK1449S ICST-MK1449S Datasheet
60Kb / 4P
Sound/SCSIFast Ethernet Clock
Revision 120799
MK1449SI ICST-MK1449SI Datasheet
60Kb / 4P
Sound/SCSIFast Ethernet Clock
Revision 120799
MK1449SITR ICST-MK1449SITR Datasheet
60Kb / 4P
Sound/SCSIFast Ethernet Clock
Revision 120799
MK1449STR ICST-MK1449STR Datasheet
60Kb / 4P
Sound/SCSIFast Ethernet Clock
Revision 120799
More results


Similar Description - MK1442

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C974 AMD-AM79C974 Datasheet
838Kb / 153P
PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems
logo
Integrated Circuit Syst...
MK1449B ICST-MK1449B Datasheet
60Kb / 4P
Sound/SCSIFast Ethernet Clock
Revision 120799
MK2011 ICST-MK2011 Datasheet
65Kb / 4P
Fast Ethernet Clock Source
Revision 120597
MK2014A ICST-MK2014A Datasheet
44Kb / 4P
Fast Ethernet Clock Source
Revision 121598
ICS650-22 ICST-ICS650-22 Datasheet
135Kb / 5P
PVR and STB Clock Source
Revision 051004
ICS650-40 ICST-ICS650-40 Datasheet
152Kb / 6P
ETHERNET SWITCH CLOCK SOURCE
Revision 060705
ICS650-40A ICST-ICS650-40A Datasheet
128Kb / 6P
ETHERNET SWITCH CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-22 RENESAS-ICS650-22 Datasheet
325Kb / 7P
PRV AND STB CLOCK SOURCE
REV F 051310
ICS650-40 RENESAS-ICS650-40 Datasheet
352Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
ICS650-40A RENESAS-ICS650-40A Datasheet
357Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com